Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD12-681-R Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # SD12-681-R
Description  SD Series High Power Density, Low Profile, Shielded Inductors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

SD12-681-R Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  SD12-681-R Datasheet HTML 1Page - Cooper Bussmann, Inc. SD12-681-R Datasheet HTML 2Page - Cooper Bussmann, Inc. SD12-681-R Datasheet HTML 3Page - Cooper Bussmann, Inc. SD12-681-R Datasheet HTML 4Page - Cooper Bussmann, Inc. SD12-681-R Datasheet HTML 5Page - Cooper Bussmann, Inc. SD12-681-R Datasheet HTML 6Page - Cooper Bussmann, Inc. SD12-681-R Datasheet HTML 7Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Description
• Six sizes of shielded drum core inductors with low
profiles (as low as 1.0mm) and high power density
• Inductance range from .47uH to 1000uH
• Current range from 6.00 to 0.088 Amps
• Ferrite shielded, low EMI
• Ferrite core material
Applications
• Digital cameras, CD players, cellular phones, and PDAs
• PCMCIA cards
• GPS systems
Environmental Data
• Storage temperature range: -40°C to +125°C
• Operating ambient temperature range: -40°C to +85°C
(range is application specific). Temperature rise is
approximately 40°C at rated rms current
• Solder reflow temperature: +260°C max. for 10 seconds
max.
Packaging
• Supplied in tape and reel packaging, 3800 (SD10,
SD12, SD14 and SD18), 2900 (SD20 and SD25)
per reel
SD Series
High Power Density,
Low Profile, Shielded Inductors
(1) Open Circuit Inductance Test Parameters: 100KHz, 0.25Vrms, 0.0Adc.
(2) RMS current for an approximate
∆T of 40°C without core loss. It is
recommended that the temperature of the part not exceed 125°C.
(3) SD10,12,18,25 Peak current for approximate 30% roll off at 20°C.
SD14 Peak current for approximate 20% roll off at 20°C.
(4) DCR limits @ 20°C.
5) Applied Volt-Time product (V-uS) across the inductor at 100kHz necessary to
generate a core loss equal to 10% of the total losses for 40°C temperature rise.
Part Number
Rated
OCL (1)
Part
Irms (2)
Isat (3)
DCR (4)
Volt
Inductance
+/-20%
Marking
Amperes
Amperes
(
Ω)
u-sec
(µH)
(µH)
Typ.
Typ.
SD10-R47-R
0.470
0.453
A
2.59
3.54
0.0249
2.1
SD10-1R0-R
1.00
1.119
B
1.93
2.25
0.0448
3.3
SD10-1R5-R
1.50
1.563
C
1.60
1.91
0.0653
3.9
SD10-2R2-R
2.20
2.081
D
1.35
1.65
0.0912
4.5
SD10-3R3-R
3.30
3.339
E
1.24
1.31
0.1078
5.7
SD10-4R7-R
4.70
4.893
F
1.04
1.08
0.1535
6.9
SD10-6R2-R
6.20
6.743
G
0.94
0.92
0.218
8.1
SD10-8R2-R
8.20
8.889
H
0.800
0.800
0.2607
9.3
SD10-100-R
10.0
10.07
J
0.760
0.752
0.336
9.9
SD10-150-R
15.0
15.55
K
0.613
0.605
0.4429
12.3
SD10-220-R
22.0
22.21
L
0.498
0.506
0.6718
14.7
SD10-330-R
33.0
32.20
M
0.412
0.420
0.9807
17.7
SD10-470-R
47.0
46.63
N
0.337
0.349
1.47
21.3
SD10-680-R
68.0
70.01
O
0.301
0.285
1.84
26.1
SD10-820-R
82.0
83.48
P
0.258
0.261
2.50
28.5
SD10-101-R
100
102.0
Q
0.225
0.236
3.29
31.5
SD10-151-R
150
149.2
R
0.200
0.195
4.15
38.1
SD10-221-R
220
222.2
S
0.161
0.160
6.41
46.5
SD10-331-R
330
330.4
T
0.130
0.131
9.83
56.7
SD10-471-R
470
468.3
U
0.117
0.110
12.10
67.5
SD12-R47-R
0.470
0.490
A
3.19
3.86
0.0246
2.84
SD12-1R2-R
1.20
1.21
B
2.62
2.45
0.0366
4.47
SD12-1R5-R
1.50
1.69
C
2.19
2.08
0.0521
5.28
SD12-2R2-R
2.20
2.25
D
1.83
1.80
0.0747
6.09
SD12-3R3-R
3.30
3.61
E
1.55
1.42
0.1043
7.71
SD12-4R7-R
4.70
4.41
F
1.46
1.29
0.1177
8.53
SD12-6R2-R
6.20
6.25
G
1.21
1.08
0.1699
10.15
SD12-8R2-R
8.20
8.41
H
1.02
0.931
0.2399
11.77
SD12-100-R
10.0
10.89
J
0.938
0.818
0.2844
13.40
SD12-150-R
15.0
15.21
K
0.782
0.692
0.4089
15.83
SD12-220-R
22.0
22.09
L
0.628
0.574
0.6338
19.08
SD12-330-R
33.0
32.49
M
0.519
0.474
0.9289
23.14
SD12-470-R
47.0
47.61
N
0.428
0.391
1.37
28.01
SD12-680-R
68.0
68.89
O
0.341
0.325
2.16
33.70
RoHS
2002/95/EC


Similar Part No. - SD12-681-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
SD12-681-R COOPER-SD12-681-R Datasheet
309Kb / 7P
SD Series High Power Density, Low Profile, Shielded Inductors
logo
Eaton All Rights Reserv...
SD12-681-R EATON-SD12-681-R Datasheet
746Kb / 9P
Low profile metalized shielded drum core power inductors
More results

Similar Description - SD12-681-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SD18-100 ETC1-SD18-100 Datasheet
395Kb / 8P
High Power Density, Low Profile, Shielded Inductors
logo
Cooper Bussmann, Inc.
DR73-R33-R COOPER-DR73-R33-R Datasheet
298Kb / 6P
High Power Density, High Efficiency, Shielded Inductors
DR127-100-R COOPER-DR127-100-R Datasheet
304Kb / 7P
High Power Density, High Efficiency, Shielded Inductors
SD25-150-R COOPER-SD25-150-R Datasheet
309Kb / 7P
SD Series High Power Density, Low Profile, Shielded Inductors
logo
List of Unclassifed Man...
DR74-101 ETC2-DR74-101 Datasheet
299Kb / 6P
High Power Density, High Efficiency, Shielded Inductors
logo
Cooper Bussmann, Inc.
SD52-680-R COOPER-SD52-680-R Datasheet
192Kb / 3P
High Power Density, Low Profile, Shielded Inductors
SD14-4R5-R COOPER-SD14-4R5-R Datasheet
309Kb / 7P
SD Series High Power Density, Low Profile, Shielded Inductors
logo
List of Unclassifed Man...
DR127-2R2 ETC2-DR127-2R2 Datasheet
1Mb / 11P
High power density, high efficiency, shielded inductors
logo
Eaton All Rights Reserv...
DR124 EATON-DR124 Datasheet
655Kb / 5P
High power density, high efficiency, low profile shielded drum core power inductors
SD52 EATON-SD52 Datasheet
382Kb / 4P
High power density, low profile shielded power inductors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com