Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD14-R87-R Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # SD14-R87-R
Description  SD Series High Power Density, Low Profile, Shielded Inductors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

SD14-R87-R Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  SD14-R87-R Datasheet HTML 1Page - Cooper Bussmann, Inc. SD14-R87-R Datasheet HTML 2Page - Cooper Bussmann, Inc. SD14-R87-R Datasheet HTML 3Page - Cooper Bussmann, Inc. SD14-R87-R Datasheet HTML 4Page - Cooper Bussmann, Inc. SD14-R87-R Datasheet HTML 5Page - Cooper Bussmann, Inc. SD14-R87-R Datasheet HTML 6Page - Cooper Bussmann, Inc. SD14-R87-R Datasheet HTML 7Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
(1) Open Circuit Inductance Test Parameters: 100KHz, 0.25Vrms, 0.0Adc.
(2) RMS current for an approximate
∆T of 40°C without core loss. It is
recommended that the temperature of the part not exceed 125°C.
(3) SD10,12,18,25 Peak current for approximate 30% roll off at 20°C.
SD14 Peak current for approximate 20% roll off at 20°C.
(4) DCR limits @ 20°C.
5) Applied Volt-Time product (V-uS) across the inductor at 100kHz necessary to
generate a core loss equal to 10% of the total losses for 40°C temperature rise.
Part Number
Rated
OCL (1)
Part
Irms (2)
Isat (3)
DCR (4)
Volt
Inductance
+/-20%
Marking
Amperes
Amperes
(
Ω)
u-sec
(µH)
(µH)
Typ.
Typ.
SD12-820-R
82.0
82.81
P
0.326
0.297
2.36
36.95
SD12-101-R
100
98.0
Q
0.308
0.273
2.64
40.19
SD12-151-R
150
151.3
R
0.251
0.220
3.96
49.94
SD12-221-R
220
222.0
S
0.229
0.181
4.76
60.49
SD12-331-R
330
334.9
T
0.186
0.148
7.25
74.30
SD12-471-R
470
462.3
U
0.167
0.126
8.95
87.29
SD12-681-R
680
670.8
V
0.149
0.104
11.30
105
SD12-821-R
820
800.9
W
0.129
0.095
14.93
115
SD12-102-R
1000
992.3
X
0.121
0.086
17.20
128
SD14-R58-R
0.58
0.61
A
3.52
4.84
0.0220
3.38
SD14-R87-R
0.87
0.88
B
3.2
3.96
0.0243
4.13
SD14-1R2-R
1.2
1.23
C
2.7
3.35
0.0344
4.88
SD14-1R5-R
1.5
1.63
D
2.53
2.91
0.0390
5.63
SD14-2R0-R
2
2.09
E
2.37
2.56
0.0445
6.38
SD14-2R5-R
2.5
2.62
F
2.05
2.29
0.0595
7.1
SD14-3R2-R
3.2
3.19
G
1.94
2.08
0.0663
7.9
SD14-4R5-R
4.5
4.53
H
1.64
1.74
0.0935
9.4
SD14-6R9-R
6.9
6.98
J
1.35
1.41
0.1363
11.6
SD14-8R8-R
8.8
8.88
K
1.14
1.25
0.1913
13.1
SD14-100-R
10
9.93
L
1.1
1.18
0.2058
13.9
SD14-150-R
15
14.68
M
0.98
0.969
0.2609
16.9
SD14-220-R
22
21.93
N
0.806
0.793
0.3853
20.6
SD14-330-R
33
32.55
O
0.654
0.651
0.5852
25.1
SD14-470-R
47
47.57
P
0.525
0.538
0.9055
30.4
SD14-680-R
68
68.21
Q
0.474
0.449
1.11
36
SD14-820-R
82
83
R
0.408
0.407
1.50
40
SD14-101-R
100
99.25
S
0.386
0.373
1.68
44
SD14-151-R
150
152.4
T
0.315
0.301
2.52
54
SD14-221-R
220
222
U
0.258
0.249
3.77
66
SD14-331-R
330
335.1
V
0.206
0.203
5.92
81
SD14-471-R
470
471.4
W
0.173
0.171
8.34
96
SD14-681-R
680
683.3
X
0.156
0.142
10.3
115
SD14-821-R
820
823.4
Y
0.134
0.129
13.9
126
SD14-102-R
1000
1008
Z
0.126
0.117
15.8
140
SD18-R47-R
0.47
0.49
A
3.58
4.63
0.0201
2.35
SD18-R82-R
0.82
0.81
B
3.24
3.60
0.0247
3.02
SD18-1R2-R
1.20
1.21
C
2.97
2.95
0.0294
3.70
SD18-1R5-R
1.50
1.69
D
2.73
2.49
0.0345
4.37
SD18-2R2-R
2.20
2.25
E
2.55
2.16
0.0398
5.04
SD18-3R3-R
3.30
3.61
F
2.07
1.71
0.0605
6.38
SD18-4R7-R
4.70
4.41
G
1.77
1.54
0.0824
7.06
SD18-6R2-R
6.20
6.25
H
1.61
1.30
0.1000
8.40
SD18-8R2-R
8.20
8.41
J
1.38
1.12
0.1351
9.74
SD18-100-R
10.0
10.89
K
1.28
0.982
0.1584
11.09
SD18-150-R
15.0
15.21
L
1.06
0.831
0.2278
13.10
SD18-220-R
22.0
22.09
M
0.876
0.689
0.3366
15.79
SD18-330-R
33.0
32.49
N
0.715
0.568
0.5057
19.15
SD18-470-R
47.0
47.61
O
0.578
0.470
0.7732
23.18
SD18-680-R
68.0
68.89
P
0.514
0.390
0.9798
27.89
SD18-820-R
82.0
82.81
Q
0.446
0.356
1.30
30.58
SD18-101-R
100
102.01
R
0.419
0.321
1.47
33.94
SD18-151-R
150
151.29
S
0.345
0.263
2.18
41.33
SD18-221-R
220
222.01
T
0.296
0.217
2.95
50.06
SD18-331-R
330
334.89
U
0.248
0.177
4.20
61.49
SD18-471-R
470
479.61
V
0.201
0.148
6.39
73.58
SD18-681-R
680
681.21
W
0.167
0.124
9.28
87.70
SD18-821-R
820
823.69
X
0.145
0.113
12.35
96.43
SD18-102-R
1000
1004
Y
0.136
0.102
14.01
107
SD Series
High Power Density,
Low Profile, Shielded Inductors



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com