Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BXMP1171 Datasheet(PDF) 2 Page - API Delevan

Part # BXMP1171
Description  Ultra High Linearity RF Amplifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

BXMP1171 Datasheet(HTML) 2 Page - API Delevan

  BXMP1171 Datasheet HTML 1Page - API Delevan BXMP1171 Datasheet HTML 2Page - API Delevan BXMP1171 Datasheet HTML 3Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
© API Technologies Corp. Proprietary Information
|
www.apitech.com
|
micro.apitech.com
|
+1.888.553.7531
|
MicrowaveSales@apitech.com
Page #
Rev Date: 6/18/2014
2
Model # BXMP1171
Noise Figure (dB)
Reverse Isolation (dB)
Typical Performance Graphs
1 dB Compression (dBm)
Frequency (MHz)
Frequency (MHz)
Output VSWR
Input VSWR
Frequency (MHz)
Frequency (MHz)
Frequency (MHz)
Gain (dB)
10
11
12
13
14
15
16
17
18
19
20
1
2
3
4
5
6
7
8
9
10
25
26
27
28
29
30
31
32
33
34
35
30
35
40
45
50
55
60
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2
Frequency (MHz)
.1
.3
1
10
70
10
20
30
40
50
60
70
.1
.3
1
10
70
.1
.3
1
10
70
.1
.3
1
10
70
.1
.3
1
10
70



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com