Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC8501 Datasheet(PDF) 2 Page - API Delevan

Part # LC8501
Description  Low Cost RF Amplifier Frequency Range: 10-500 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

LC8501 Datasheet(HTML) 2 Page - API Delevan

  LC8501 Datasheet HTML 1Page - API Delevan LC8501 Datasheet HTML 2Page - API Delevan LC8501 Datasheet HTML 3Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
© API Technologies Corp. Proprietary Information
|
www.apitech.com
|
micro.apitech.com
|
+1.888.553.7531
|
MicrowaveSales@apitech.com
Page #
Rev Date: 7/14/2014
2
Gain (dB)
Frequency (MHz)
Noise Figure (dB)
Reverse Isolation (dB)
Typical Performance Graphs
3rd Order Intercept (dBm)
2nd Order Intercept (dBm)
1 dB Compression (dBm)
Frequency (MHz)
Frequency (MHz)
Frequency (MHz)
Frequency (MHz)
Frequency (MHz)
Model # LC8501
5
6
7
8
9
10
11
12
13
14
15
10
80
150
220
290
360
430
500
0
1
2
3
4
5
10
80
150
220
290
360
430
500
5
6
7
8
9
10
11
12
13
14
15
10
80
150
220
290
360
430
500
15
16
17
18
19
20
21
22
23
24
25
10
80
150
220
290
360
430
500
25
26
27
28
29
30
31
32
33
34
35
10
80
150
220
290
360
430
500
-50.0
-40.0
-30.0
-20.0
-10.0
10
80
150
220
290
360
430
500



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com