Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC8502 Datasheet(PDF) 2 Page - API Delevan

Part # LC8502
Description  Low Cost RF Amplifier Frequency Range: 10-500 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

LC8502 Datasheet(HTML) 2 Page - API Delevan

  LC8502 Datasheet HTML 1Page - API Delevan LC8502 Datasheet HTML 2Page - API Delevan LC8502 Datasheet HTML 3Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
© API Technologies Corp. Proprietary Information
|
www.apitech.com
|
micro.apitech.com
|
+1.888.553.7531
|
MicrowaveSales@apitech.com
Page #
Rev Date: 7/14/2014
2
Noise Figure (dB)
Reverse Isolation (dB)
Typical Performance Graphs
3rd Order Intercept (dBm)
2nd Order Intercept (dBm)
1 dB Compression (dBm)
Frequency (MHz)
Frequency (MHz)
Frequency (MHz)
Frequency (MHz)
Frequency (MHz)
Model # LC8502
Gain (dB)
Frequency (MHz)
15
16
17
18
19
20
21
22
23
24
25
10
80
150
220
290
360
430
500
0
1
2
3
4
5
10
80
150
220
290
360
430
500
10
11
12
13
14
15
16
17
18
19
20
10
80
150
220
290
360
430
500
15
16
17
18
19
20
21
22
23
24
25
10
80
150
220
290
360
430
500
40
41
42
43
44
45
46
47
48
49
50
10
80
150
220
290
360
430
500
-50.0
-40.0
-30.0
-20.0
-10.0
10
80
150
220
290
360
430
500



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com