Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QBS-560 Datasheet(PDF) 2 Page - API Delevan

Part # QBS-560
Description  Broadband 32 Watt GaN Power Amplifier 700 to 2500 MHz high power, class AB design utilizing GaN technology
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

QBS-560 Datasheet(HTML) 2 Page - API Delevan

  QBS-560 Datasheet HTML 1Page - API Delevan QBS-560 Datasheet HTML 2Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© API Technologies Corp. Proprietary Information
|
www.apitech.com
|
micro.apitech.com
|
+1.888.553.7531
|
MicrowaveSales@apitech.com
Page #
Rev Date: 5/14/2014
2
Outline Drawing
DC Power / Interface (Refer to Detail A)
15 PIN D-SUB PINOUT
Pin #
Signal
Pin #
Signal
1
28V
9
28V RTN
2
28V
10
28V RTN
3
28V
11
28V RTN
4
N/C
12
N/C
5
RESERVED
13
RESERVED
6
N/C
14
BLANKING (-)
7
BLANKING (+)
15
Chassis GND
8
Chassis GND
Part Number: QBS-560



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com