Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1035-R-HF Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SA1035-R-HF
Description  PNP Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SA1035-R-HF Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SA1035-R-HF Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SA1035-R-HF Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SA1035-R-HF Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMD Type
IC
www.kexin.com.cn
1
SMD Type
Transistors
Features
Absolute Maximum Ratings Ta = 25
ti
n
U
g
n
it
a
R
l
o
b
m
y
S
r
e
t
e
m
a
r
a
P
V
e
g
a
tl
o
v
e
s
a
b
-r
o
t
c
e
ll
o
C
CBO
-55
V
V
e
g
a
tl
o
v
r
e
tt
i
m
e
-r
o
t
c
e
ll
o
C
CEO
-55
V
V
e
g
a
tl
o
v
e
s
a
b
-r
e
tt
i
m
E
EBO
-5
V
I
t
n
e
rr
u
c
r
o
t
c
e
ll
o
C
C
-50
mA
I
t
n
e
rr
u
c
r
o
t
c
e
ll
o
c
k
a
e
P
CP
-100
mA
P
n
o
it
a
p
i
s
s
i
d
r
e
w
o
p
r
o
t
c
e
ll
o
C
C
200
mW
T
e
r
u
t
a
r
e
p
m
e
t
n
o
it
c
n
u
J
j
150
T
e
r
u
t
a
r
e
p
m
e
t
e
g
a
r
o
t
S
stg
-55 to +150
0.4 +0.1
-0.1
2.9 +0.1
-0.1
0.95 +0.1
-0.1
1.9 +0.1
-0.1
1.Base
2.Emitter
3.collector
1
2
3
Unit: mm
SOT-23
0.1 +0.05
-0.01
■
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector- base breakdown voltage
VCBO
Ic= -100 μA, IE=0
-55
Collector- emitter breakdown voltage
VCEO
Ic= -2 mA, IB=0
-55
Emitter - base breakdown voltage
VEBO
IE= -100μA, IC=0
-5
Collector-base cut-off current
ICBO
VCB= -50 V , IE=0
-100
nA
Collector- emittercut-off current
ICEO
VCE= -40 V , IB=0
-1
uA
Emitter cut-off current
IEBO
VEB= -5V , IC=0
-100
nA
Collector-emitter saturation voltage
VCE(sat) IC=-100 mA, IB=-10mA
-0.6
Base - emitter saturation voltage
VBE(sat) IC=-100 mA, IB=-10mA
-1.2
Base - emitter voltage
VBE
VBE=-1V, IC=-100mA
-1.0
DC current gain
hFE
VCE= -5V, IC= -2mA
180
700
Noise voltage
NV
VCE = –10V, IC = –1mA, GV = 80dB
Rg = 100kΩ , Function = FLAT
150
mV
Transition frequency
fT
VCB= -5V, IE= -2mA,f=200MHz
200
MHz
V
V
●
Low noise voltage NV.
●
High foward current transfer ratio hFE.
●
Complementary to 2SC2406-HF.
PNP Transistors
2SA1035-HF
●
Pb−Free Package May be Available. The G−Suffix Denotes a
Pb−Free Lead Finish
■
Classification of hfe
Type
2SA1035-R-HF
2SA1035-S-HF
2SA1035-T-HF
Range
180-360
260-520
360-700
Marking
HR F
HS F
HT F


Similar Part No. - 2SA1035-R-HF

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SA1035-R KEXIN-2SA1035-R Datasheet
1Mb / 3P
PNP Transistors
More results

Similar Description - 2SA1035-R-HF

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
2N5401 WEITRON-2N5401 Datasheet
720Kb / 4P
PNP Transistors
logo
Guangdong Kexin Industr...
2SB766A KEXIN-2SB766A_15 Datasheet
884Kb / 2P
PNP Transistors
2SA733-HF KEXIN-2SA733-HF_15 Datasheet
1Mb / 2P
PNP Transistors
2SA1036-HF KEXIN-2SA1036-HF_15 Datasheet
1Mb / 2P
PNP Transistors
2SA1037-HF KEXIN-2SA1037-HF_15 Datasheet
1Mb / 2P
PNP Transistors
2SA1122-HF KEXIN-2SA1122-HF_15 Datasheet
712Kb / 2P
PNP Transistors
2SB624-HF KEXIN-2SB624-HF_15 Datasheet
401Kb / 1P
PNP Transistors
2SB736A-HF KEXIN-2SB736A-HF_15 Datasheet
1Mb / 3P
PNP Transistors
2SB799-HF KEXIN-2SB799-HF_15 Datasheet
1Mb / 3P
PNP Transistors
logo
NXP Semiconductors
PEMB10_PUMB10 PHILIPS-PEMB10_PUMB10_15 Datasheet
626Kb / 15P
PNP/PNP resistor-equipped transistors; PNP/PNP resistor-equipped transistors;
Rev. 3-3 January 2012
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com