Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1036/K-R-HF Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SA1036/K-R-HF
Description  PNP Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SA1036/K-R-HF Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2SA1036/K-R-HF Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SA1036/K-R-HF Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMD Type
www.kexin.com.cn
2
Transistors
■
Typical Characterisitics
0
0
1
-
0
1
-
1
-
-1
-10
-100
-1000
-200
-400
-600
-800
-1000
-1
-10
-100
0
0
1
-
0
1
-
1
-
10
100
1000
0
0
1
-
0
1
-
1
-
-200
-400
-600
-800
-1000
-1200
0
25
50
75
100
125
150
0
50
100
150
200
250
0
1
-
1
-
1
.
0
-
1
10
100
-0
-1
-2
-3
-4
-0
-3
-6
-9
-12
-15
0
1
-
1
-
10
100
1000
h
FE
——
-500
Ta=100℃
Ta=25℃
β=10
I
C
V
CEsat
——
COLLECTOR CURRENT I
C
(mA)
-500
T
a=25
℃
T
a=100
℃
COMMON EMITTER
V
CE=-3V
BASE-EMMITER VOLTAGE V
BE
(mV)
COMMON EMITTER
V
CE=-3V
Ta=25
oC
Ta=100
oC
I
C
COLLECTOR CURRENT I
C
(mA)
-500
V
BE
I
C
——
-500
β=10
Ta=100℃
Ta=25℃
I
C
V
BEsat
——
COLLECTOR CURRENT I
C
(mA)
AMBIENT TEMPERATURE Ta ( )
℃
Pc —— Ta
C
ob
C
ib
f=1MHz
I
E=0/ IC=0
Ta=25
oC
REVERSE VOLTAGE V (V)
-20
V
CB/ VEB
C
ob/ Cib
——
-50uA
-45uA
-40uA
-35uA
-30uA
-25uA
-20uA
-15uA
Static Characteristic
-10uA
COMMON EMITTER
T
a=25
℃
I
B=-5uA
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
I
C
f
T
——
-20
COMMON EMITTER
V
CE=-5V
T
a=25
oC
COLLECTOR CURRENT I
C
(mA)
PNP Transistors
2SA1036-HF (2SA1036K-HF)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com