Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB709A-R-HF Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SB709A-R-HF
Description  PNP Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SB709A-R-HF Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2SB709A-R-HF Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SB709A-R-HF Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMD Type
www.kexin.com.cn
2
Transistors
■
Typical Characterisitics
-0.1
-1
-10
1
10
100
-1
-10
-100
0
50
100
150
200
250
-0.1
-1
-10
-100
0
100
200
300
400
500
600
0
25
50
75
100
125
150
0
50
100
150
200
250
-0
-5
-10
-15
-0
-1
-2
-3
-4
-5
-6
-7
-8
-1
-10
-100
-0
-50
-100
-150
-200
f=1MHz
I
E=0 / IC=0
T
a=25
oC
REVERSE VOLTAGE V (V)
V
CB / VEB
C
ob / Cib
——
C
ib
C
ob
-20
COLLECTOR CURRENT I
C
(mA)
V
CE=-10V
T
a=25
oC
I
C
f
T
——
V
CE= -10V
T
a=100
oC
T
a=25
oC
COLLECTOR CURRENT I
C
(mA)
I
C
h
FE ——
AMBIENT TEMPERATURE T
a
( )
℃
P
c
—— T
a
COMMON
EMITTER
T
a=25
℃
-3.0uA
-2.7uA
-2.4uA
-21uA
-18uA
-15uA
-12uA
-9uA
-6uA
I
B=-3uA
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
Static Characteristic
β=10
T
a=25
℃
T
a=100
℃
β=10
COLLECTOR CURRENT I
C
(mA)
V
CEsat ——
I
C
PNP Transistors
2SB709A-HF



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com