Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB767-R-HF Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SB767-R-HF
Description  PNP Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SB767-R-HF Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2SB767-R-HF Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SB767-R-HF Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMD Type
www.kexin.com.cn
2
Transistors
■
Typical Characterisitics
0
6
1
0
40
120
80
140
20
100
60
0
1.4
1.2
0.4
1.0
0.8
0.2
0.6
Printed circut board: Copper
foil area of 1cm2 or more, and
the board thickness of 1.7mm
for the collector portion.
Ambient temperature Ta (˚C)
0
1
–
0
–8
–2
–6
–4
0
–1.2
–1.0
– 0.8
– 0.6
– 0.4
– 0.2
Ta=25˚C
IB=–10mA
–1mA
–2mA
–3mA
–4mA
–5mA
–6mA
–7mA
–8mA
–9mA
Collector to emitter voltage VCE (V)
–1
–10
–100
–1000
–3
–30
–300
– 0.001
– 0.003
– 0.01
– 0.03
– 0.1
– 0.3
–1
–3
–10
IC/IB=10
25˚C
–25˚C
Ta=75˚C
Collector current IC (mA)
–1
–10
–100
–1000
–3
–30
–300
– 0.01
– 0.03
– 0.1
– 0.3
–1
–3
–10
–30
–100
IC/IB=10
Ta=–25˚C
25˚C
75˚C
Collector current IC (mA)
–1
–10
–100
–1000
–3
–30
–300
0
300
250
200
150
100
50
VCE=–10V
Ta=75˚C
25˚C
–25˚C
Collector current IC (mA)
1
3
10
30
100
0
200
160
120
80
40
180
140
100
60
20
VCB=–10V
Ta=25˚C
Emitter current IE (mA)
–1
–3
–10
–30
–100
0
50
40
30
20
10
45
35
25
15
5
IE=0
f=1MHz
Ta=25˚C
Collector to base voltage VCB (V)
– 0.1
–1
–10
–100
– 0.3
–3
–30
– 0.001
– 0.003
– 0.01
– 0.03
– 0.1
– 0.3
–1
–3
–10
Single pulse
Ta=25˚C
t=10ms
t=1s
ICP
IC
Collector to emitter voltage VCE (V)
PC
I
a
T
—
C — VCE
VCE(sat) — IC
VBE(sat) — IC
hFE — IC
fT — IE
Cob — VCB
Area of safe operation (ASO)
PNP Transistors
2SB767-HF



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com