Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB806-R-HF Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SB806-R-HF
Description  PNP Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SB806-R-HF Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SB806-R-HF Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SB806-R-HF Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SB806-R-HF Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMD Type
SMD Type
Transistors
1
hFE Classification(1)
Features
High collector to emitter voltage: VCEO -120V.
www.kexin.com.cn
Parameter
Symbol
Rating
Unit
Collector-base voltage
VCBO
-120
V
Collector-emitter voltage
VCEO
-120
V
Emitter-base voltage
VEBO
-5
V
Collector current
IC
-0.7
A
Collector current (pulse) *1
IC(pu)
-1.2
A
Collector power dissipation
Pc
2
W
Junction temperature
Tj
150
Storage temperature
Tstg
-55 to +150
*1. PW 10ms,duty cycle 50%
* PW 350µs,duty cycle 2%
■
Classification of hfe(1)
●
=
■
Absolute Maximum Ratings Ta = 25℃
■
Electrical Characteristics Ta = 25℃
■
Electrical Characteristics Ta
= 25℃
≤
≤
≤
≤
℃
℃
1.Base
2.Collector
3.Emitter
1.70 0.1
0.42 0.1
0.46 0.1
Type
2SB806-R-HF
2SB806-Q-HF
2SB806-P-HF
Range
90-180
135-270
200-400
Marking
KR F
KQ F
KP F
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector- base breakdown voltage
VCBO
Ic= -100 μA, IE= 0
-120
Collector- emitter breakdown voltage
VCEO
Ic=- 1 mA, IB= 0
-120
Emitter - base breakdown voltage
VEBO
IE= -100μA, IC= 0
-5
Collector-base cut-off current
ICBO
VCB= -120 V , IE= 0
-0.1
Emitter cut-off current
IEBO
VEB= -5V , IC=0
-0.1
Collector-emitter saturation voltage *
VCE(sat) IC=-500 mA, IB=-50mA
-0.6
Base - emitter saturation voltage *
VBE(sat) IC=-500 mA, IB=-50mA
-1.5
Base - emitter voltage *
VBE
VCE= -10V, IC= -10mA
-0.55
-0.68
VCE= -1V, IC= -100mA
90
200
400
VCE= -1V, IC= -5mA
45
200
Collector output capacitance
Cob
VCB= -10V, IE=0,f=1MHz
14
pF
Transition frequency
fT
VCE= -10V, IC= -10mA
75
MHz
DC current gain *
hFE
V
uA
V
●
Pb−Free Package May be Available. The G−Suffix Denotes a
Pb−Free Lead Finish
PNP Transistors
2SB806-HF


Similar Part No. - 2SB806-R-HF

ManufacturerPart #DatasheetDescription
logo
NEC
2SB806 NEC-2SB806 Datasheet
234Kb / 4P
PNP SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD
logo
Guangdong Kexin Industr...
2SB806 KEXIN-2SB806 Datasheet
52Kb / 1P
PNP Silicon Epitaxial Transistor
logo
Renesas Technology Corp
2SB806 RENESAS-2SB806 Datasheet
362Kb / 6P
Old Company Name in Catalogs and Other Documents
2SB806 RENESAS-2SB806 Datasheet
362Kb / 6P
Old Company Name in Catalogs and Other Documents
logo
SHIKUES Electronics
2SB806 SKTECHNOLGY-2SB806 Datasheet
685Kb / 1P
High collector to emitter voltage
More results

Similar Description - 2SB806-R-HF

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
2N5401 WEITRON-2N5401 Datasheet
720Kb / 4P
PNP Transistors
logo
Guangdong Kexin Industr...
2SB766A KEXIN-2SB766A_15 Datasheet
884Kb / 2P
PNP Transistors
2SA733-HF KEXIN-2SA733-HF_15 Datasheet
1Mb / 2P
PNP Transistors
2SA1036-HF KEXIN-2SA1036-HF_15 Datasheet
1Mb / 2P
PNP Transistors
2SA1037-HF KEXIN-2SA1037-HF_15 Datasheet
1Mb / 2P
PNP Transistors
2SA1122-HF KEXIN-2SA1122-HF_15 Datasheet
712Kb / 2P
PNP Transistors
2SB624-HF KEXIN-2SB624-HF_15 Datasheet
401Kb / 1P
PNP Transistors
2SB736A-HF KEXIN-2SB736A-HF_15 Datasheet
1Mb / 3P
PNP Transistors
2SB799-HF KEXIN-2SB799-HF_15 Datasheet
1Mb / 3P
PNP Transistors
logo
NXP Semiconductors
PEMB10_PUMB10 PHILIPS-PEMB10_PUMB10_15 Datasheet
626Kb / 15P
PNP/PNP resistor-equipped transistors; PNP/PNP resistor-equipped transistors;
Rev. 3-3 January 2012
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com