Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB930 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SB930
Description  PNP Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SB930 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2SB930_15 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SB930_15 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMD Type
www.kexin.com.cn
2
Transistors
PNP Transistors
2SB930
■
Typical Characterisitics
PC
I
a
T
—
C — VCE
IC — VBE
VCE(sat) — IC
hFE — IC
fT — IC
R
)
O
S
A
(
n
o
it
a
r
e
p
o
e
f
a
s
f
o
a
e
r
A
th(t) — t
0
6
1
0
40
120
80
140
20
100
60
0
50
40
30
20
10
5
45
35
25
15
(1) TC=Ta
(2) With a 50 × 50 × 2mm
Al heat sink
(3) Without heat sink
(PC=1.3W)
(1)
(3)
(2)
Ambient temperature Ta (˚C)
2
1
–
0
–10
–8
–2
–6
–4
0
–6
–5
–4
–3
–2
–1
TC=25˚C
–100mA
–80mA
–60mA
–40mA
–20mA
–10mA
–8mA
–5mA
IB=–120mA
Collector to emitter voltage VCE (V)
0
.
2
–
0
–1.6
– 0.4
–1.2
– 0.8
0
–10
–8
–6
–4
–2
TC=100˚C
–25˚C
25˚C
VCE=–4V
Base to emitter voltage VBE (V)
– 0.01
– 0.1
–1
–10
– 0.03
– 0.3
–3
– 0.01
– 0.03
– 0.1
– 0.3
–1
–3
–10
–30
–100
IC/IB=10
25˚C
TC=100˚C
–25˚C
Collector current IC (A)
– 0.01
– 0.1
–1
–10
– 0.03
– 0.3
–3
1
3
10
30
100
300
1000
3000
10000
VCE=–4V
TC=100˚C
25˚C
–25˚C
Collector current IC (A)
– 0.01
– 0.1
–1
–10
– 0.03
– 0.3
–3
1
3
10
30
100
300
1000
3000
10000
VCE=–5V
f=1MHz
TC=25˚C
Collector current IC (A)
–1
–10
–100
–1000
–3
–30
–300
– 0.01
– 0.03
– 0.1
– 0.3
–1
–3
–10
–30
–100
Non repetitive pulse
TC=25˚C
10ms
t=1ms
ICP
IC
300ms
Collector to emitter voltage VCE (V)
10–4
10
10–3
10–1
10–2
0
1
1
3
102
104
10–2
10–1
1
10
103
102
(1)
(2)
(1) Without heat sink
(2) With a 50 × 50 × 2mm Al heat sink
Time t (s)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com