Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB956-R-HF Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SB956-R-HF
Description  PNP Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SB956-R-HF Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2SB956-R-HF Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SB956-R-HF Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMD Type
www.kexin.com.cn
2
Transistors
■
Typical Characterisitics
0
6
1
0
40
120
80
140
20
100
60
0
1.4
1.2
0.4
1.0
0.8
0.2
0.6
Printed circut board: Copper
foil area of 1cm2 or more, and
the board thickness of 1.7mm
for the collector portion.
Ambient temperature Ta (˚C)
6
–
0
–5
–4
–1
–3
–2
0
–1.2
–1.0
– 0.8
– 0.6
– 0.4
– 0.2
Ta=25˚C
–4.5mA
–4.0mA
–3.5mA
–3.0mA
–2.5mA
–2.0mA
–1.5mA
–1.0mA
– 0.5mA
IB=–5.0mA
Collector to emitter voltage VCE (V)
– 0.01
– 0.1
–1
–10
– 0.03
– 0.3
–3
– 0.001
– 0.003
– 0.01
– 0.03
– 0.1
– 0.3
–1
–3
–10
IC/IB=20
Ta=75˚C
25˚C
–25˚C
Collector current IC (A)
– 0.01
– 0.1
–1
–10
– 0.03
– 0.3
–3
– 0.001
– 0.003
– 0.01
– 0.03
– 0.1
– 0.3
–1
–3
–10
IC/IB=10
Ta=–25˚C
25˚C
75˚C
Collector current IC (A)
– 0.01
– 0.1
–1
–10
– 0.03
– 0.3
–3
0
600
500
400
300
200
100
VCE=–2V
Ta=75˚C
25˚C
–25˚C
Collector current IC (A)
10
30
100
300
1000
0
500
400
300
200
100
450
350
250
150
50
VCB=–6V
Ta=25˚C
Emitter current IE (mA)
–1
–3
–10
–30
–100
0
120
100
80
60
40
20
IE=0
f=1MHz
Ta=25˚C
Collector to base voltage VCB (V)
– 0.1
–1
–10
–100
– 0.3
–3
–30
– 0.001
– 0.003
– 0.01
– 0.03
– 0.1
– 0.3
1
3
10
Single pulse
Ta=25˚C
t=10ms
t=1s
ICP
IC
Collector to emitter voltage VCE (V)
PC
I
a
T
—
C — VCE
VCE(sat) — IC
VBE(sat) — IC
hFE — IC
fT — IE
Cob — VCB
Area of safe operation (ASO)
PNP Transistors
2SB956-HF



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com