Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB962-Z-R Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SB962-Z-R
Description  PNP Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SB962-Z-R Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SB962-Z-R Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SB962-Z-R Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SB962-Z-R Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMD Type
www.kexin.com.cn
1
Transistors
PNP Transistors
2SB962-Z
■
Features
●
Low collector to emitter saturation voltage VCE(sat).
2.3
0.60+ 0.1
- 0.1
6.50+0.15
-0.15
0.80+0.1
-0.1
4 .60 +0.15
-0.15
5.30+0.2
-0.2
2.30 +0.1
-0.1
0.50 +0.8
-0.7
0.127
max
TO-252
Unit: mm
1 Base
2 Collector
3 Emitter
■
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Collector - Base Voltage
VCBO
-40
Collector - Emitter Voltage
VCEO
-30
Emitter - Base Voltage
VEBO
-5
Collector Current - Continuous
IC
-3
Collector current -Pulse
ICP
-6
Collector Power Dissipation
(Note.1)
PC
2
W
Junction Temperature
TJ
150
Storage Temperature range
Tstg
-55 to 150
V
℃
A
Note.1: PW ≤ 10ms,Duty Cycle ≤ 50℅
■
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector- base breakdown voltage
VCBO
Ic= -100 μA, IE=0
-40
Collector- emitter breakdown voltage
VCEO
Ic= -1 mA, IB=0
-30
Emitter - base breakdown voltage
VEBO
IE= -100μA, IC=0
-5
Collector-base cut-off current
ICBO
VCB= -30V , IE=0
-10
Emitter cut-off current
IEBO
VEB= -4V , IC=0
-1
Collector-emitter saturation voltage
VCE(sat) IC=-2 A, IB=-200mA (Note.1)
-0.3
-0.5
Base - emitter saturation voltage
VBE(sat) IC=-2 A, IB=-200mA (Note.1)
-1
-2
hFE(1)
VCE= -2V, IC= -20mA (Note.1)
30
150
hFE(2)
VCE= -2V, IC= -1 A
(Note.1)
60
160
400
Collector output capacitance
Cob
VCB = –10V, IE = 0, f = 1MHz
55
pF
Transition frequency
fT
VCE= -5V, IE= 100mA
80
MHz
DC current gain
V
uA
V
Note.1: Pulsed: PW ≤ 350us,Duty Cycle≤ 2℅
■
Classification of hfe(2)
Type
2SB962-Z-R
2SB962-Z-Q
2SB962-Z-P
2SB962-Z-E
Range
60-120
100-200
160-320
200-400


Similar Part No. - 2SB962-Z-R

ManufacturerPart #DatasheetDescription
logo
NEC
2SB962-Z NEC-2SB962-Z Datasheet
233Kb / 4P
PNP SILICON EPITAXIAL TRANSISTOR MP-3?
logo
Guangdong Kexin Industr...
2SB962-Z KEXIN-2SB962-Z Datasheet
40Kb / 1P
PNP Silicon Epitaxial Transistor
logo
Inchange Semiconductor ...
2SB962-Z ISC-2SB962-Z Datasheet
289Kb / 2P
isc Silicon PNP Power Transistor
logo
Renesas Technology Corp
2SB962-Z RENESAS-2SB962-Z Datasheet
821Kb / 6P
SILICON POWER TRANSISTOR
2006
2SB962-Z RENESAS-2SB962-Z_15 Datasheet
821Kb / 6P
PNP SILICON EPITAXIAL TRANSISTOR
More results

Similar Description - 2SB962-Z-R

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
2N5401 WEITRON-2N5401 Datasheet
720Kb / 4P
PNP Transistors
logo
Guangdong Kexin Industr...
2SB766A KEXIN-2SB766A_15 Datasheet
884Kb / 2P
PNP Transistors
2SA733-HF KEXIN-2SA733-HF_15 Datasheet
1Mb / 2P
PNP Transistors
2SA1036-HF KEXIN-2SA1036-HF_15 Datasheet
1Mb / 2P
PNP Transistors
2SA1037-HF KEXIN-2SA1037-HF_15 Datasheet
1Mb / 2P
PNP Transistors
2SA1122-HF KEXIN-2SA1122-HF_15 Datasheet
712Kb / 2P
PNP Transistors
2SB624-HF KEXIN-2SB624-HF_15 Datasheet
401Kb / 1P
PNP Transistors
2SB736A-HF KEXIN-2SB736A-HF_15 Datasheet
1Mb / 3P
PNP Transistors
2SB799-HF KEXIN-2SB799-HF_15 Datasheet
1Mb / 3P
PNP Transistors
logo
NXP Semiconductors
PEMB10_PUMB10 PHILIPS-PEMB10_PUMB10_15 Datasheet
626Kb / 15P
PNP/PNP resistor-equipped transistors; PNP/PNP resistor-equipped transistors;
Rev. 3-3 January 2012
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com