Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMTP777 Datasheet(PDF) 2 Page - Aplus Intergrated Circuits

Part # AMTP777
Description  APLUS INTEGRATED CIRCUITS INC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

AMTP777 Datasheet(HTML) 2 Page - Aplus Intergrated Circuits

  AMTP777 Datasheet HTML 1Page - Aplus Intergrated Circuits AMTP777 Datasheet HTML 2Page - Aplus Intergrated Circuits AMTP777 Datasheet HTML 3Page - Aplus Intergrated Circuits AMTP777 Datasheet HTML 4Page - Aplus Intergrated Circuits AMTP777 Datasheet HTML 5Page - Aplus Intergrated Circuits AMTP777 Datasheet HTML 6Page - Aplus Intergrated Circuits AMTP777 Datasheet HTML 7Page - Aplus Intergrated Circuits AMTP777 Datasheet HTML 8Page - Aplus Intergrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Integrated Circuits Inc.
aMTP777
MAY 10, 2011
2
FEATURES
Standard CMOS process.
Embedded 4K byte EPROM for MCU programming.
Embedded 8-bit MCU.
Connect external SPI flash to store voice data
Combination of voice building blocks to extend playback duration.
Table entries are available for voice block combinations.
User selectable 10bit/8bit PCM or 4bit ADPCM data compress.
Voice Group Trigger Options: Edge / Level; Hold / Un-hold; Retrigger / Non-retrigger.
Programmable I/Os, Timer Interrupt and Watch Dog Timer.
Built-in oscillator with fixed Rosc, software control sampling frequency
2.4V – 3.6V single power supply and < 5uA low stand-by current.
PWM Vout1 and Vout2 drive speaker directly.
D/A COUT with ramp-up ramp-down option to drive speaker through an external BJT.
Volume control.
Maximum 10-bit resolution.
Internal Power-up reset circuit built-in; RSTB provides external controlled reset to the chip.
DESCRIPTION
Aplus’ aMTP777 is a 4K-byte 8-bit MCU based Voice controller IC. It is fabricated with Standard
CMOS process with embedded voice storage memory. Voice data is stored in an external multi-
programmable SPI flash with 4-bit ADPCM compression at different sampling rate. 10-bit/8-bit PCM
is also available as user selectable option to improve sound quality. There are upto nineteen
programmable I/O pins. Key trigger and Parallel CPU trigger mode can be configured according to
different application requirement. User selectable triggering and output signal options provide
maximum flexibility to various applications. Built-in resistor controlled oscillator, 10-bit resolution
current mode D/A output and PWM direct speaker driving minimize the number of external
components. Volume control for both DAC and VOUT output is available.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com