Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FNQ-R-4 Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # FNQ-R-4
Description  FNQ-R . 600Vac, 1.4-30A, Time-Delay Fuses
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

FNQ-R-4 Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  FNQ-R-4 Datasheet HTML 1Page - Cooper Bussmann, Inc. FNQ-R-4 Datasheet HTML 2Page - Cooper Bussmann, Inc. FNQ-R-4 Datasheet HTML 3Page - Cooper Bussmann, Inc. FNQ-R-4 Datasheet HTML 4Page - Cooper Bussmann, Inc. FNQ-R-4 Datasheet HTML 5Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
0114
BU-SB14042
Page 1 of 4
Data Sheet # 1014
LIMITRON™ Class CC
FNQ-R — 600Vac, 1⁄4-30A, Time-Delay Fuses
Description: Advanced protection Class CC current-limiting,
time-delay fuses.
Catalog Symbol: FNQ-R-(amp)
Ratings:
Volts — 600Vac
— 300Vdc (15 & 20A)
Amps — 1⁄4-30A
IR — 200kA Vac RMS Sym.
— 20kA Vdc (15 & 20A)
Agency Information:
CE, UL Listed, Std. 248-4, Class CC, Guide JDDZ, File E4273
CSA Certified, Class CC CSA, Class 1422-01,
File 53787–HRC-MISC
RoHS Compliant*
* FNQ-R-1⁄4 not RoHS complaint.
Catalog Numbers (amps)
FNQ-R-1⁄4
FNQ-R-13⁄10
FNQ-R-32⁄10
FNQ-R-8
FNQ-R-3⁄10
FNQ-R-14⁄10
FNQ-R-31⁄2
FNQ-R-9
FNQ-R-4⁄10
FNQ-R-11⁄2
FNQ-R-4
FNQ-R-10
FNQ-R-1⁄2
FNQ-R-16⁄10
FNQ-R-41⁄2
FNQ-R-12
FNQ-R-6⁄10
FNQ-R-18⁄10
FNQ-R-5
FNQ-R-15
FNQ-R-3⁄4
FNQ-R-2
FNQ-R-56⁄10
FNQ-R-171⁄2
FNQ-R-8⁄10
FNQ-R-21⁄4
FNQ-R-6
FNQ-R-20
FNQ-R-1
FNQ-R-21⁄2
FNQ-R-61⁄4
FNQ-R-25
FNQ-R-11⁄8
FNQ-R-28⁄10
FNQ-R-7
FNQ-R-30
FNQ-R-11⁄4
FNQ-R-3
FNQ-R-71⁄2
Carton Quantity:
Amp Rating
Carton Qty.
1
⁄4-30
10
Dimensions - in
Features:
• Provides 10X better current limitation to help prevent
equipment damage caused by short-circuit events.
• 200kA interrupting rating complies with NEC® Section 110.9
for today's large capacity systems.
• Fast-acting fuse helps prevent equipment damage caused
by short-circuit events.
• Rejection type fuse fits both standard and rejection-style
holders.
• The Class CC FNQ-R Limitron fuse meets the needs of
control circuit transformer protection.
• FNQ-R fuses can be sized according to NEC® and UL
requirements and still allow the high inrush currents, with
significantly more time-delay than the UL minimum value of
12 seconds at 200% for Class CC fuses.
• Ideal for critical industrial or commercial applications that
have specific current limitation requirements.
Applications:
• Branch Circuits
• Line Protection
• Small Control Transformers
• Industrial Control
Recommended Fuse Blocks and Holders
Fuse Amps
1-Pole
2-Pole
3-Pole
Open Blocks
0-30
BC6031_
BC6032_
BC6033_
DIN-Rail Holders
CHCC1D_
CHCC2D_
CHCC3D_
0-30
——
OPM-NG-_
——
OPM-1038_
——
OPM-1038_SW
Panel Mount Holders
0-30
HPS
——
HPF
——
In-Line Holders
0-30
—
HEY
—
HEZ
——
For additional information on Class CC fuse blocks and
holders, see Data Sheets:
• Open Blocks # 1105 (BC Series)
• DIN-Rail Holders # 3185 (CHCC), # 1109 (OPM),
# 1102 (OPM-1038), 1103 (OPM-1038_SW),
• Panel Mount Holders # 2113 (HPS), # 2114 (HPF)
• In-Line Holders # 2126 (HEY), # 2130 (HEZ)
1.5" (± 0.031)
(38.1mm)
0.41" (± 0.005)
(10.3mm)
Maximum Acceptable Rating of Overcurrent Device†
Maximum Rating of Overcurrent
Rated Primary
Protective Device Expressed As a Percent
Current (Amps)
of Transformer Primary Current Rating
< 2A
500††
2A to 9A
167
> 9A
125
† UL 508A Table 42.1.
†† 300% for other than motor control applications.


Similar Part No. - FNQ-R-4

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
FNQ-R-4 COOPER-FNQ-R-4 Datasheet
749Kb / 6P
LIMITRON??FNQ-R Class CC 600Vac, 1??-30A, time-delay fuses
logo
Eaton All Rights Reserv...
FNQ-R-4 EATON-FNQ-R-4 Datasheet
749Kb / 6P
LIMITRON??FNQ-R Class CC 600Vac, 1??-30A, time-delay fuses
logo
Cooper Bussmann, Inc.
FNQ-R-4-1/2 COOPER-FNQ-R-4-1/2 Datasheet
749Kb / 6P
LIMITRON??FNQ-R Class CC 600Vac, 1??-30A, time-delay fuses
logo
Eaton All Rights Reserv...
FNQ-R-4-1/2 EATON-FNQ-R-4-1/2 Datasheet
749Kb / 6P
LIMITRON??FNQ-R Class CC 600Vac, 1??-30A, time-delay fuses
logo
Cooper Bussmann, Inc.
FNQ-R-4/10 COOPER-FNQ-R-4/10 Datasheet
749Kb / 6P
LIMITRON??FNQ-R Class CC 600Vac, 1??-30A, time-delay fuses
More results

Similar Description - FNQ-R-4

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
S505H COOPER-S505H Datasheet
442Kb / 3P
400Vdc/500-600Vac Time-Delay 5x20mm Fuses
FNA-3 COOPER-FNA-3 Datasheet
316Kb / 4P
FNQ-R ??600Vac, 1??-30A, Time-Delay Fuses
LP-CC-1 COOPER-LP-CC-1 Datasheet
222Kb / 3P
LP-CC . 600Vac/300Vdc, 1.2-30A Time-Delay Fuses
FRS-R-600 COOPER-FRS-R-600 Datasheet
207Kb / 3P
FRS-R 600Vac/300Vdc, 65-600A, Dual Element, Time-Delay Fuses
FRS-R-3 COOPER-FRS-R-3 Datasheet
297Kb / 3P
FRS-R - 600Vac/300Vdc, 1/10-60A, Dual Element, Time-Delay Fuses
FRS-R-15 COOPER-FRS-R-15 Datasheet
297Kb / 3P
FRS-R - 600Vac/300Vdc, 1/10-60A, Dual Element, Time-Delay Fuses
FRS-R-20 COOPER-FRS-R-20 Datasheet
297Kb / 3P
FRS-R - 600Vac/300Vdc, 1??0-60A, Dual Element, Time-Delay Fuses
FNQ-R-1 COOPER-FNQ-R-1_15 Datasheet
749Kb / 6P
LIMITRON??FNQ-R Class CC 600Vac, 1??-30A, time-delay fuses
logo
List of Unclassifed Man...
FNQ-R-1-4 ETC2-FNQ-R-1-4 Datasheet
749Kb / 6P
FNQ-R Class CC 600Vac, 1??-30A, time-delay fuses
logo
Eaton All Rights Reserv...
FNQ-R EATON-FNQ-R Datasheet
749Kb / 6P
LIMITRON??FNQ-R Class CC 600Vac, 1??-30A, time-delay fuses
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com