Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FRS-R-9 Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # FRS-R-9
Description  Class RK5, Dual-element, Time Delay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

FRS-R-9 Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  FRS-R-9 Datasheet HTML 1Page - Cooper Bussmann, Inc. FRS-R-9 Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Fusetron®
FRS-R
Dual-Element, Time-Delay Fuses
⁄Ω¡º-60A
Class RK5 – 600 Volt
Form No. FRS-R 1/10-60
Page 1 of 2
Data Sheet: 1017
Bussmann®
7-25-03
A03014
⁄Ω¡ºA to 30A
.81" (
± 0.008)
5" (
± 0.31)
35A to 60A
1.06" (
± 0.008)
5.5" (
± 0.31)
Catalog Numbers
FRS-R-⁄Ω¡º
FRS-R-1°Ω¡º
FRS-R-8
FRS-R-⁄Ω•
FRS-R-2
FRS-R-9
FRS-R-⁄fiΩ¡ºº
FRS-R-2⁄Ω¢
FRS-R-10
FRS-R-¤Ω¡º
FRS-R-2⁄Ω™
FRS-R-12
FRS-R-⁄Ω¢
FRS-R-2°Ω¡º
FRS-R-15
FRS-R-‹Ω¡º
FRS-R-3
FRS-R-17⁄Ω™
FRS-R-›Ω¡º
FRS-R-3¤Ω¡º
FRS-R-20
FRS-R-⁄Ω™
FRS-R-3⁄Ω™
FRS-R-25
FRS-R-flꭧ
FRS-R-4
FRS-R-30
FRS-R-°Ω¡º
FRS-R-4⁄Ω™
FRS-R-35
FRS-R-1
FRS-R-5
FRS-R-40
FRS-R-1⁄Ω•
FRS-R-5flꭧ
FRS-R-45
FRS-R-1⁄Ω¢
FRS-R-6
FRS-R-50
FRS-R-1›Ω¡º
FRS-R-6⁄Ω¢
FRS-R-60
FRS-R-1⁄Ω™
FRS-R-7
—
FRS-R-1flꭧ
FRS-R-7⁄Ω™
—
Fuse Reducers For Class R Fuses
Desired
Catalog Number
Equipment
Fuse (Case)
(Pairs)
Fuse Clips
Size
600V
60A
30A
No. 663-R
100A
30A
No. 216-R
60A
No. 616-R
200A
60A
No. 626-R
Dimensional Data
Carton Quantity and Weight
Ampere
Carton
Weight*
Ratings
Qty.
Lbs.
Kg.
⁄Ω¡º–15
10
0.40
0.181
17.5–30
10
0.50
0.277
35-60
10
3.10
1.406
*Weight per carton.
General Information:
• Provides motor overload, ground fault and short-circuit pro-
tection. When used in circuits subject to surge currents such
as those caused by motors, transformers and other inductive
components, these fuses can be sized close to full-load
amperes to give maximum overcurrent protection.
• Permits the use of smaller and less costly switches. The time-
delay feature makes it possible to use fuse ampere ratings
which are much smaller than those of non-time-delay fuses.
Considerable cost saving occurs by permitting the use of
smaller size switches, panels and fuses themselves.
• Provides a higher degree of short-circuit protection (greater
current-limitation) in circuits in which surge currents or tempo-
rary overloads occur.
• Helps protect motors against burnout from overloads.
• Gives motor running back-up protection to motors without
extra costs.
• Helps protect motors against burnout from single phasing on
three phase systems.
• Simplifies and improves blackout prevention (selective
coordination).
• Dual-element fuses can be applied in circuits subject to tem-
porary motor overloads and surge currents to provide both
high-performance, short-circuit and overload protection.
• The overload element provides protection against low level
overcurrent of overloads and will hold an overload which is
five times greater than the ampere rating of the fuse for a
minimum of ten seconds.
Catalog Symbol: FRS-R
Dual-Element, Time-Delay – 10 second (minimum) at 500%
rated current
Current-Limiting
Ampere Rating: ⁄Ω¡º to 60A
Voltage Rating: 600Vac (or less)
Interrupting Rating: 200,000A RMS Sym.
dc Ratings (20,000AIC @ 250Vdc)
Agency Information:
UL Listed, Std. 248-12, Class RK5, Guide JDDZ, File E4273
CSA Certified, C22.2 No. 248.12, Class 1422-02, File 53787
Recommended fuseblocks for
Class R 600V fuses
See Data Sheet: 1111



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com