Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CA3318CE Datasheet(PDF) 2 Page - Intersil Corporation

Part # CA3318CE
Description  CMOS Video Speed, 8-Bit, Flash A/D Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3318CE Datasheet(HTML) 2 Page - Intersil Corporation

  CA3318CE Datasheet HTML 1Page - Intersil Corporation CA3318CE Datasheet HTML 2Page - Intersil Corporation CA3318CE Datasheet HTML 3Page - Intersil Corporation CA3318CE Datasheet HTML 4Page - Intersil Corporation CA3318CE Datasheet HTML 5Page - Intersil Corporation CA3318CE Datasheet HTML 6Page - Intersil Corporation CA3318CE Datasheet HTML 7Page - Intersil Corporation CA3318CE Datasheet HTML 8Page - Intersil Corporation CA3318CE Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
4-10
Functional Block Diagram
LATCH
256
DQ
ENCODER
LOGIC
ARRAY
CLK
DQ
CLK
DQ
CLK
DQ
CLK
DQ
CLK
DQ
CLK
DQ
CLK
DQ
CLK
DQ
CLK
DQ
CAB
LATCH
DQ
DQ
COUNT
193
CAB
LATCH
DQ
DQ
COUNT
129
CAB
LATCH
DQ
DQ
COUNT
65
CAB
LATCH
1
DQ
LATCH
11
DQ
COUNT
1
CAB
# 256
# 193
# 129
# 65
23
3/
4 REF
20
1/
2 REF
10
1/
4 REF
22
21
24
16
15
VREF+
VIN
VAA+
VIN
VREF-
(NOTE 1)
COMPARATOR #1
LATCH
LATCH
LATCH
9
OVER-
FLOW
THREE-
STATE
DRIVERS
OUTPUT
REGISTER
DIGITAL
SUPPLY
12
VDD
φ2 φ1
φ1
φ1
φ1
φ2
φ1
8
BIT 8
(MSB)
7
BIT 7
6
BIT 6
5
BIT 5
4
BIT 4
3
BIT 3
2
BIT 2
1
BIT 1
(LSB)
14
CE1
13
CE2
DIGITAL
GND
11
VSS
18
CLOCK
19
PHASE
17
VAA-
ANALOG
GND
φ1 (AUTO BALANCE)
φ2 (SAMPLE UNKNOWN)
NOTE:
≅ 50K
1/
2 R
= 4
Ω
= 30
Ω
= 7
Ω
R = 2
Ω
R
R
R
R
R
R
≅ 2K
ANALOG
SUPPLY
1/
2 R
R
LATCH
256
COUNT
256
DQ
1. Cascaded Auto Balance (CAB).
CA3318



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com