Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC856W Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # BC856W
Description  PNP Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BC856W Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  BC856W_15 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BC856W_15 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd BC856W_15 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SMD Type
www.kexin.com.cn
2
Transistors
PNP Transistors
BC856W,BC857W,BC858W
(KC856W,KC857W,KC858W)
■
Electrical Characteristics Ta = 25℃
Symbol
Test Conditions
Min
Typ
Max Unit
BC856W
-80
BC857W
-50
BC858W
-30
BC856W
-65
BC857W
-45
BC858W
-30
VEBO IE= -100μA, IC=0
-5
BC856W
VCB= -80 V , IE=0
BC857W
VCB= -50 V , IE=0
BC858W
VCB= -30 V , IE=0
IEBO
VEB= -5V , IC=0
-0.1
VCE(sat) IC=-100 mA, IB=-5mA
-0.65
VBE(sat) IC=-100 mA, IB=-5mA
-1.1
BC846AW,847AW,848AW
125
250
BC846BW,847BW,848BW
220
475
BC847CW,848CW
420
800
Cob
VCB= -10V,f=1MHz
4.5
pF
fT
VCE= -5V, IC=-10mA,f=100MHz 100
MHz
Emitter cut-off current
Parameter
Collector- base breakdown voltage
Collector- emitter breakdown
voltage
V
Collector-base cut-off current
uA
VCBO Ic= -100 μA, IE=0
VCEO Ic= -10 mA, IB=0
Emitter - base breakdown voltage
ICBO
-0.1
Collector-emitter saturation voltage
Collector output capacitance
Transition frequency
V
hFE
VCE= -5V, IC=-2mA
DC current gain
Base - emitter saturation voltage
■
Classification of hfe
Type
BC856AW
BC856BW
BC857AW
BC857BW
BC857CW
BC858AW
BC858BW
BC858CW
Range
125-250
220-475
125-250
220-475
420-800
125-250
220-475
420-800
Marking
3A
3B
3E
3F
3G
3J
3K
3L



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com