Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CA3306CD Datasheet(PDF) 13 Page - Intersil Corporation

Part # CA3306CD
Description  6-Bit, 15 MSPS, Flash A/D Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3306CD Datasheet(HTML) 13 Page - Intersil Corporation

Back Button CA3306CD Datasheet HTML 8Page - Intersil Corporation CA3306CD Datasheet HTML 9Page - Intersil Corporation CA3306CD Datasheet HTML 10Page - Intersil Corporation CA3306CD Datasheet HTML 11Page - Intersil Corporation CA3306CD Datasheet HTML 12Page - Intersil Corporation CA3306CD Datasheet HTML 13Page - Intersil Corporation CA3306CD Datasheet HTML 14Page - Intersil Corporation CA3306CD Datasheet HTML 15Page - Intersil Corporation CA3306CD Datasheet HTML 16Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
4-20
Application Circuits
FIGURE 17. TYPICAL CA3306 7-BIT RESOLUTION CONFIGURATION
VSS
B6
OF
VSS
VZ
CE2
CE1
CLK
PH
VREF+
B5
B4
RC
B3
B2
B1
VDD
VIN
VREF-
0.1
µF
0.1
µF
0.2
µF10µF
V+
CLOCK
INPUT
ADJUST POT
TO 1/2 VZ
V+
B6
OF
VSS
VZ
CE2
CE1
CLK
PH
VREF+
B5
B4
RC
B3
B2
B1
VDD
VIN
VREF -
V+
0.2
µF
SIGNAL
INPUT
10
µF
0.1
µF
NOTE:
VDD MUST BE ≥ VZ FOR CIRCUIT TO WORK
WITH VZ CONNECTED TO VREF+
0.1
µF
1K
OF
B7
B6
B5
B4
B3
B2
B1
(LSB)
(MSB)
DATA
OUTPUT
CA3306
CA3306
CA3306, CA3306A, CA3306C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com