Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLR-08V Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # VLR-08V
Description  6.2mm pitch/Disconnectable Crimp style Wire-to-wire connectors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VLR-08V Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  VLR-08V Datasheet HTML 1Page - List of Unclassifed Manufacturers VLR-08V Datasheet HTML 2Page - List of Unclassifed Manufacturers VLR-08V Datasheet HTML 3Page - List of Unclassifed Manufacturers VLR-08V Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
VL CONNECTOR
13
11
8.4
2.8
5.9
9.4
600V
2
20A
500
500
1,000
VLR-02V
* VLR-02VF (Without panel lock product)
VLR-03V
8.2
3
29.5
VLP-02V
VLP-02V-1
VLP-03V
VLP-03V-1
VLP-04V
VLS-02V
VLS-03V
600V
1
20A
500
500
* VLR-01VF (Without panel product)
VLP-01V
13
11
9.4
2.8
9.2
3
29.5
9.4
7.3
VLS-01V
1,000
8.4
5.2
11
13
13
11
8.4
2.8
8.2
3
29.5
5.9
9.4
600V
3
19A
500
500
1,000
500
600V
4
18A
500
1,000
500
500
1,000
VLR-04V
* VLR-04VF (Without panel lock product)
VLS-02V
VLR-04VN
VLS-08V
VLP-04V-1
VLP-04VN-1
L JST
3
29.5
15
L JST
13
11
2.8
15.4
5.9
9.4
5.9
9.4
8.4
5.2
11
13
L JST
5.2
11
15.4
13
8.4
5.2
11
13
8.2
3
29.5
8.2
29.5
3
29.5
15
3
L JST
Retainer
Current
rating
Voltage
rating
Circuits
Receptacle housing (for pin contact)
Plug housing (for socket contact)
Q'ty /
bag
Q'ty /
bag
Q'ty /
bag
Q'ty /
bag
Q'ty /
bag
Q'ty /
bag
Q'ty /
bag
Q'ty /
bag
Q'ty /
bag
Q'ty /
bag
Q'ty /
bag
Q'ty /
bag
Q'ty /
bag
Q'ty /
bag
Q'ty /
bag
(commonly used for
2-circuit housing and
4-circuit housing)
(commonly used for
3-circuit housing and
6-circuit housing)
(commonly used for
4-circuit housing and
8-circuit housing)
Material: Housing...PA 66, UL94V-0, white
Retainer...Glass-filled PA 66, UL94V-0, ivory
RoHS compliance
Note: 1. Contact JST for special products.
2. *Marked products are not TÜV approved.
Housing



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com