Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT33N3 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # VT33N3
Description  PACKAGE DIMENSIONS inch (mm)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VT33N3 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  VT33N3 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
19
Photoconductive Cell
VT300 Series
PACKAGE DIMENSIONS inch (mm)
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Rating
Units
Continuous Power Dissipation
Derate Above 25°C
PD
∆P
D / ∆T
125
2.5
mW
mW/°C
Temperature Range
Operating and Storage
TA
–40 to +75
°C
2
ELECTRO-OPTICAL CHARACTERICTICS @ 25°C (16 hrs. light adapt, min.)
See page 13 for notes.
Part
Number
Resistance (Ohms)
Material
Type
Sensitivity
(
γ, typ.)
Maximum
Voltage
(V, pk)
Response Time @ 1 fc
(ms, typ.)
10 lux
2850 K
2 fc
2850 K
Dark
Min.
Typ.
Max.
Typ.
Min.
sec.
Rise (1-1/e)
Fall (1/e)
VT3ØN1
6 k
12 k
18 k
6 k
200 k
5
Ø
0.75
100
78
8
VT3ØN2
12 k
24 k
36 k
12 k
500 k
5
Ø
0.80
200
78
8
VT3ØN3
24 k
48 k
72 k
24 k
1 M
5
Ø
0.80
200
78
8
VT3ØN4
50 k
100 k
150 k
50 k
2 M
5
Ø
0.80
300
78
8
VT33N1
20 k
40 k
60 k
20 k
500 k
5
3
0.90
100
35
5
VT33N2
40 k
80 k
120 k
40 k
1 M
5
3
0.90
200
35
5
VT33N3
80 k
160 k
240 k
80 k
2 M
5
3
0.90
200
35
5
4
3 6
OG (R10/R100)
LOG (100/10)
------------------------------------
PerkinElmer Optoelectronics, 10900 Page Ave., St. Louis, MO 63132 USA
Phone: 314-423-4900 Fax: 314-423-3956 Web: www.perkinelmer.com/opto


Similar Part No. - VT33N3

ManufacturerPart #DatasheetDescription
logo
PerkinElmer Optoelectro...
VT33N3 PERKINELMER-VT33N3 Datasheet
1Mb / 76P
Photoconductive Cells and Analog Optoisolators (Vactrols)
More results

Similar Description - VT33N3

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
14-RB2S00222 E-SWITCH-14-RB2S00222 Datasheet
171Kb / 1P
DIMENSIONS IN MM [INCH]
14-RB2S00237 E-SWITCH-14-RB2S00237 Datasheet
265Kb / 1P
DIMENSIONS IN MM [INCH]
38-RA812C1000114 E-SWITCH-38-RA812C1000114 Datasheet
166Kb / 1P
DIMENSIONS IN MM [INCH]
38-RA81231000137 E-SWITCH-38-RA81231000137 Datasheet
166Kb / 1P
DIMENSIONS IN MM [INCH]
38-RB212C1011137 E-SWITCH-38-RB212C1011137 Datasheet
163Kb / 1P
DIMENSIONS IN MM [INCH]
38-RB212C101Z95126 E-SWITCH-38-RB212C101Z95126 Datasheet
129Kb / 1P
DIMENSIONS IN MM [INCH]
38-RRGA8131100 E-SWITCH-38-RRGA8131100 Datasheet
227Kb / 1P
DIMENSIONS IN MM [INCH]
38-RB246C1129 E-SWITCH-38-RB246C1129 Datasheet
130Kb / 1P
DIMENSIONS IN MM [INCH]
38-RB24001000114 E-SWITCH-38-RB24001000114 Datasheet
92Kb / 1P
DIMENSIONS IN MM [INCH]
38-RR11131100244 E-SWITCH-38-RR11131100244 Datasheet
178Kb / 1P
DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com