Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD2391-Q Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SD2391-Q
Description  NPN Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SD2391-Q Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2SD2391-Q Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SD2391-Q Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMD Type
www.kexin.com.cn
2
Transistors
NPN Transistors
2SD2391
■
Typical Characterisitics
Fig.1 Grounded emitter output
characteristics
5
4
0
2
3
1
COLLECTOR TO EMITTER VOLTAGE : VCE (V)
2.0
0.0
0.4
0.8
1.2
1.6
Ta=25°C
20mA
16mA
18mA
IB=0mA
2mA
4mA
6mA
8mA
10mA
12mA
14mA
Fig.2 Grounded emitter propagation
characteristics
0.4
0.2
0.8
0.6
1.2 1.4
1.0
1.6
0
BASE TO EMITTER VOLTAGE : VBE
(V)
5
2
1
500m
200m
100m
50m
20m
10m
5m
2m
1m
VCE=2V
Fig.3 DC current gain vs.
collector current ( 1)
10m 20m 50m 100m 200m 500m 1
2
5 10
1
2
5
10
20
50
100
200
1000
500
COLLECTOR CURRENT : IC (A)
Ta=100°C
-40°C
25°C
VCE=2V
Fig.4 DC current gain
vs. collector current ( 2 )
10m 20m 50m 100m 200m 500m
10
5
1
2
1
2
5
10
20
50
100
200
1000
500
COLLECTOR CURRENT : IC (A)
VCE=5V
2V
1V
Ta=25°C
Fig.5 Collector-emitter saturation
voltage vs. collector current ( 1)
5m 10m 20m 50m 100m 200m 500m
5
1
2
1
2
5
10
20
50
100
200
1000
500
COLLECTOR CURRENT : IC (A)
IC/IB=20
Ta=100°C
25°C
-40°C
Fig.6 Collector-emitter saturation
voltage vs. collector current ( 2 )
5m 10m 20m
50m100m 200m 500m
5
1
2
1
2
5
10
20
50
100
200
1000
500
COLLECTOR CURRENT : IC (A)
Ta=25°C
IC/IB=50
20
10
Fig.7 Gain bandwidth product
vs. emitter current
-2m
-10m
-100m
-1
-2
1
2
5
10
20
50
100
200
1000
500
EMITTER CURRENT : IE (A)
Ta=25°C
VCE=2V
Fig.8 Iutput capacitance vs. voltage
0.1 0.2
0.5 1
2
5 10 20
50 100
1
2
5
10
20
50
100
200
1000
500
COLLECTOR TO BASE VOLTAGE : VCB (V)
EMITTER TO BASE VOLTAGE : VEB (V)
Ta=25°C
f=1MHz
IE=0A
IC=0A
Cib
Cob
Fig.9 Safe operating area
0.2
1
0.5
2 5
10 20 50 100 200 500
10m
20m
50m
100m
200m
500m
1
2
5
10
20
50
COLLECTOR TO EMITTER VOLTAGE : VCE (V)
Ta=25°C
Single pulse
P
W=100ms
Ic max(Pulse)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com