Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AK669M-1-R Datasheet(PDF) 1 Page - Assmann Electronics Inc.

Part # AK669M-1-R
Description  Min USB 5P/F to Min USB 5P/M Cable 1,000mm
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

AK669M-1-R Datasheet(HTML) 1 Page - Assmann Electronics Inc.

  AK669M-1-R Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
2
3
4
5
6
7
1
2
3
4
5
6
7
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
H
Item No.
Drawing No.
Title
Name
Chappell
Drawn
10.19.11
Approved
Modification
Date
Name
Scale
TOLERANCE
1:1
X.X
X.XX
X.XXX
Angle
±0.40
±0.25
±0.15
±3°
Replace
Sheet
AK669M-x-R
Min USB 5P/F
to Min USB 5P/M Cable 1,000mm
Complaint
RoHS
rev00
Length


Similar Part No. - AK669M-1-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AK669M-2 ASSMANN-AK669M-2 Datasheet
202Kb / 1P
Min USB 5P/F to Min USB 5P/M Cable 1,000mm
More results

Similar Description - AK669M-1-R

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
3021009-06 QUALTEK-3021009-06 Datasheet
428Kb / 1P
USB 4P(A)/M - USB MINI 5P(B)/M
3021015-10 QUALTEK-3021015-10 Datasheet
428Kb / 1P
USB 4P(A)/M - USB MINI 5P(B)/M
3021021-16 QUALTEK-3021021-16 Datasheet
427Kb / 1P
USB 4P(A)/M - USB MINI 5P(B)/M
3021027-16 QUALTEK-3021027-16 Datasheet
427Kb / 1P
USB 4P(A)/M - USB MINI 5P(B)/M
logo
SUYIN USA, INC.
CBL30017-1500 SUYIN-USA-CBL30017-1500 Datasheet
173Kb / 1P
MINI USB 5P USB A
logo
Qualtek Electronics Cor...
3025010-03 QUALTEK-3025010-03 Datasheet
361Kb / 1P
USB 4P(A)/M - MICRO USB 5P(B)/M
3025013-06 QUALTEK-3025013-06 Datasheet
362Kb / 1P
USB 4P(A)/M - MICRO USB 5P(B)/M
logo
Assmann Electronics Inc...
AK669M-2 ASSMANN-AK669M-2 Datasheet
202Kb / 1P
Min USB 5P/F to Min USB 5P/M Cable 1,000mm
logo
Qualtek Electronics Cor...
3025030-03 QUALTEK-3025030-03 Datasheet
361Kb / 1P
USB 4P(A)/M - MICRO USB 5P(B)/M
3025031-06 QUALTEK-3025031-06 Datasheet
362Kb / 1P
USB 4P(A)/M - MICRO USB 5P(B)/M
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com