Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AK670M-2-2-R Datasheet(PDF) 1 Page - Assmann Electronics Inc.

Part # AK670M-2-2-R
Description  USB 2.0 Cable A Male to Mini B Male
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

AK670M-2-2-R Datasheet(HTML) 1 Page - Assmann Electronics Inc.

  AK670M-2-2-R Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
P1
P2
2,000±50MM
Unit: MM
Material:
• Cable: USB2.0 Black UL2725 #28/1P+28#/2C+AEB
- OD 3.8MM
- White print
- USB Cable E189529
AWM 2725 VW-1 30V 80°C 28AWG/1PR
and 28AWG/2C
• P1 Connector: Mini USB 4P B/M plug
- Solder type
- Plastic Black
• P2 Connector: USB A Male
- Shell: Nickel
- Pin: G/F 4PCS type
- Insulator color: White
• Outer Jacket: Black PVC-40P
Electrical:
• 100% short, open, miswire test
• Dielectric test: 300V DC
1
2
3
4
5
6
7
1
2
3
4
5
6
7
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
H
Item No.
Drawing No.
Title
Name
Chappell
Drawn
08.29.11
Approved
Modification
Date
Name
Scale
TOLERANCE
1:1
X.X
X.XX
X.XXX
Angle
±0.40
±0.25
±0.15
±3°
Replace
Sheet
AK670M/2-2-R
USB 2.0 Cable A Male to Mini B Male -
4 Pin, Black, 2 Meters
Complaint
RoHS
rev00


Similar Part No. - AK670M-2-2-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AK670M-2-3-R ASSMANN-AK670M-2-3-R Datasheet
96Kb / 1P
USB 2.0 Cable A Male
AK670M-2-5-R ASSMANN-AK670M-2-5-R Datasheet
96Kb / 1P
USB 2.0 Cable A Male to Mini B Male
AK670M-2-GR-R ASSMANN-AK670M-2-GR-R Datasheet
68Kb / 1P
USB 1.1 Mini Cable
AK670M-2-R ASSMANN-AK670M-2-R Datasheet
351Kb / 1P
USB 1.1 & 2.0, USB A Male
More results

Similar Description - AK670M-2-2-R

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
3021003-03 QUALTEK-3021003-03 Datasheet
425Kb / 1P
USB 4P(A) MALE TO USB MINI 5P(B) MALE
logo
Assmann Electronics Inc...
AK670M-2-5-R ASSMANN-AK670M-2-5-R Datasheet
96Kb / 1P
USB 2.0 Cable A Male to Mini B Male
logo
List of Unclassifed Man...
MC000993 ETC2-MC000993 Datasheet
169Kb / 1P
USB 2.0 Micro B Male to C Male Cable 1m
logo
Rosenberger Hochfrequen...
L99-987-800 ROSENBERGER-L99-987-800 Datasheet
880Kb / 2P
USB 2.0 A MALE TO USB 2.0 MINI USB
L99-988-800 ROSENBERGER-L99-988-800 Datasheet
782Kb / 2P
USB 2.0 A MALE TO USB 2.0 MICRO-B
L99-989-800 ROSENBERGER-L99-989-800 Datasheet
725Kb / 2P
USB 2.0 A MALE TO USB 2.0 TYPE-B
L99-989-1800 ROSENBERGER-L99-989-1800 Datasheet
725Kb / 2P
USB 2.0 A MALE TO USB 2.0 TYPE-B
L99-M0014-1000-A ROSENBERGER-L99-M0014-1000-A Datasheet
625Kb / 2P
USB 2.0 A MALE TO USB 2.0 MICRO-B ADAPTER
logo
Molex Electronics Ltd.
0687680405 MOLEX1-0687680405 Datasheet
40Kb / 1P
USB Shielded I/O Cable Assembly, USB 2.0, Type A Male-to-Mini-B Male, 1.5m Length, Black
0687680406 MOLEX1-0687680406 Datasheet
40Kb / 1P
USB Shielded I/O Cable Assembly, USB 2.0, Type A Male-to-Mini-B Male, 2.0m Length, Black
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com