Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD22100F Datasheet(PDF) 3 Page - Intersil Corporation

Part # CD22100F
Description  CMOS 4 x 4 Crosspoint Switch with Control Memory High-Voltage Type (20V Rating)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD22100F Datasheet(HTML) 3 Page - Intersil Corporation

  CD22100F Datasheet HTML 1Page - Intersil Corporation CD22100F Datasheet HTML 2Page - Intersil Corporation CD22100F Datasheet HTML 3Page - Intersil Corporation CD22100F Datasheet HTML 4Page - Intersil Corporation CD22100F Datasheet HTML 5Page - Intersil Corporation CD22100F Datasheet HTML 6Page - Intersil Corporation CD22100F Datasheet HTML 7Page - Intersil Corporation CD22100F Datasheet HTML 8Page - Intersil Corporation CD22100F Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
4-186
CD22100
Electrical Specifications
TA = 25
oC
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
FIGURE
fIS
(kHz)
RL
(k
Ω)
VIS (V)
(Note 3)
VDD
(V)
DYNAMIC CROSSPOINTS
Propagation Delay Time,
(Switch ON) Signal Input to
Output
tPHL, tPLH
5
-
10
5
5
-
30
60
ns
10
10
-
15
30
ns
15
15
-
10
20
ns
CL = 50pF; tR , tF = 20ns
Frequency Response (Any
Switch ON)
f3dB
16
1
1
5
10
-
40
-
MHz
Sine Wave Input,
Sine Wave Response
(Distortion)
THD
1
1
5
10
-
0.5
-
%
Feedthrough (All switches OFF)
FDT
1.6
1
5
10
-
-80
-
dB
Sine Wave Input
Frequency for Signal Crosstalk
FCT
7-1
10
10
Attenuation of 40dB
Sine Wave Input
-
1.5
-
MHz
Attenuation of 110dB
-
-
-
-
-
0.1
-
kHz
Capacitance:
CIS
Xn to Ground
-
-
-
5 - 15
-
18
-
pF
Yn to Ground
-
-
-
5 - 15
-
30
-
pF
Feedthrough
CIOS
-
-
-
-
-
0.4
-
pF
DYNAMIC CONTROLS
Propagation Delay Time:
tPZH
8RL = 1kΩ,
CL = 50pF,
tR , tF = 20ns
5
-
300
600
ns
Strobe to Output
(Switch Turn-ON to High
Level)
10
-
125
250
ns
15
-
80
160
ns
Propagation Delay Time:
tPZH
9RL = 1kΩ,
CL = 50pF,
tR , tF = 20ns
5
-
110
220
ns
Data-In to Output
(Turn-ON to High Level)
10
-
40
80
ns
15
-
25
50
ns
Propagation Delay Time:
tPZH
10
RL = 1kΩ,
CL = 50pF,
tR , tF = 20ns
5
-
350
700
ns
Address to Output
(Turn-ON to High Level)
10
-
135
270
ns
15
-
90
180
ns
Propagation Delay Time:
tPHZ
8RL = 1kΩ,
CL = 50pF,
tR , tF = 20ns
5
-
165
330
ns
Strobe to Output
(Switch Turn-OFF)
10
-
85
170
ns
15
-
70
140
ns
Propagation Delay Time:
tPZL
9RL = 1kΩ,
CL = 50pF,
tR , tF = 20ns
5
-
210
420
ns
Data-In to Output
(Turn-ON to Low Level)
10
-
110
220
ns
15
-
100
200
ns
Propagation Delay Time:
tPHZ
10
RL = 1kΩ,
CL = 50pF,
tR , tF = 20ns
5
-
435
870
ns
Address to Output
(Turn-OFF)
10
-
210
420
ns
15
-
160
320
ns
20 log
V
OS
V
IS
------------
-3dB
=



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com