Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AK67301-2-R Datasheet(PDF) 1 Page - Assmann Electronics Inc.

Part # AK67301-2-R
Description  USB2.0 Micro Connection Cable
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

AK67301-2-R Datasheet(HTML) 1 Page - Assmann Electronics Inc.

  AK67301-2-R Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
P1
5.5MM±0.2MM
2.0 MM
5.5MM±0.2MM
P2
PIN ASSIGNMENT
P1
1
2
3
4
5
SHELL
P2
1
2
3
4
5
SHELL
RED
WHITE
GREEN
BLACK
DRAIN + BRAID
Material:
• Cable: USB2.0 UL2725 [28AWG(7/0.12TC+AL:)*1P+
28AWG(7/0.12TC)*2C]+AEB(488 TC)
- Jacket: Black
- OD: 3.5MM
• Connectors: Micro USB 5P A/M Solder Type
- Shell: Nickel
- Pin: G/F
- Insulator Color: Black
• Outer Jacket: Black PVC-50P
Electrical:
• 100% short, open, miswire test
• Conduct resistance: 2 Max.
• Insulation resistance: 5M Min.
• Hi-Pot test: 300V DC
1
2
3
4
5
6
7
1
2
3
4
5
6
7
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
H
Item No.
Drawing No.
Title
Name
Chappell
Drawn
10.19.11
Approved
Modification
Date
Name
Scale
TOLERANCE
1:1
X.X
X.XX
X.XXX
Angle
±0.40
±0.25
±0.15
±3°
Replace
Sheet
AK67301-2-R
USB2.0 Micro Connection Cable, 2 Meters
USB A Micro Male <=> USB A Micro Male
Complaint
RoHS
rev00


Similar Part No. - AK67301-2-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AK67301-1-R ASSMANN-AK67301-1-R Datasheet
56Kb / 1P
USB2.0 Micro Connection Cable
AK67301-3-R ASSMANN-AK67301-3-R Datasheet
56Kb / 1P
USB2.0 Micro Connection Cable
AK67301-5 ASSMANN-AK67301-5 Datasheet
56Kb / 1P
USB2.0 Micro Connection Cable
AK67301-5-R ASSMANN-AK67301-5-R Datasheet
56Kb / 1P
USB2.0 Micro Connection Cable
More results

Similar Description - AK67301-2-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AK67301-1-R ASSMANN-AK67301-1-R Datasheet
56Kb / 1P
USB2.0 Micro Connection Cable
AK67301-3-R ASSMANN-AK67301-3-R Datasheet
56Kb / 1P
USB2.0 Micro Connection Cable
AK67301-5 ASSMANN-AK67301-5 Datasheet
56Kb / 1P
USB2.0 Micro Connection Cable
AK67301-5-R ASSMANN-AK67301-5-R Datasheet
56Kb / 1P
USB2.0 Micro Connection Cable
AK67321-1 ASSMANN-AK67321-1 Datasheet
59Kb / 1P
USB2.0 Micro Connection Cable
AK67321-2 ASSMANN-AK67321-2 Datasheet
59Kb / 1P
USB2.0 Micro Connection Cable
AK67321-3-R ASSMANN-AK67321-3-R Datasheet
59Kb / 1P
USB2.0 Micro Connection Cable, 3 Meters
AK67501-0-5 ASSMANN-AK67501-0-5 Datasheet
85Kb / 1P
USB 2.0 Micro Connection cable
AK67501-2 ASSMANN-AK67501-2 Datasheet
85Kb / 1P
USB 2.0 Micro Connection cable
AK67501-3 ASSMANN-AK67501-3 Datasheet
85Kb / 1P
USB 2.0 Micro Connection cable
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com