Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM741C Datasheet(PDF) 3 Page - Intersil Corporation

Part # LM741C
Description  0.9MHz Single and Dual, High Gain Operational Amplifiers for Military, Industrial and Commercial Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

LM741C Datasheet(HTML) 3 Page - Intersil Corporation

  LM741C Datasheet HTML 1Page - Intersil Corporation LM741C Datasheet HTML 2Page - Intersil Corporation LM741C Datasheet HTML 3Page - Intersil Corporation LM741C Datasheet HTML 4Page - Intersil Corporation LM741C Datasheet HTML 5Page - Intersil Corporation LM741C Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Input Bias Current
25
-
80
500
-
80
500
nA
Full
-----
800
nA
-55
-
300
1500
-
-
-
nA
125
-
30
500
-
-
-
nA
Input Offset Current
25
-
20
200
-
20
200
nA
Full
-----
300
nA
-55
-
85
500
-
-
-
nA
125
-
7
200
-
-
-
nA
Large Signal Voltage Gain
RL ≥ 2kΩ, VO = ±10V
25
50,000
200,000
-
20,000
200,000
-
V/V
Full
25,000
-
-
15,000
-
-
V/V
Output Voltage Swing
RL ≥ 10kΩ
25
---
±12
±14
-
V
Full
±12
±14
----
V
RL ≥ 2kΩ
25
---
±10
±13
-
V
Full
±10
±13
-
±10
±13
-
V
Supply Current
25
-
1.7
2.8
-
1.7
2.8
mA
-55
-
2
3.3
-
-
-
mA
125
-
1.5
2.5
-
-
-
mA
Device Power Dissipation
25
-
50
85
-
50
85
mW
-55
-
60
100
-
-
-
mW
125
-
45
75
-
-
-
mW
NOTE:
4. Values apply for each section of the dual amplifiers.
Test Circuits
FIGURE 1. OFFSET VOLTAGE NULL CIRCUIT FOR CA741C,
CA741, LM741C, AND LM741
FIGURE 2. TRANSIENT RESPONSE TEST CIRCUIT FOR ALL
TYPES
Electrical Specifications
For Equipment Design, VSUPPLY = ±15V (Continued)
PARAMETER
TEST
CONDITIONS
TEMP
(oC)
(NOTE 4)
CA741, CA1558, LM741
(NOTE 4)
CA741C, CA1458, LM741C,
LM1458
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
-
+
INVERTING
INPUT
NON-INVERTING
INPUT
OUTPUT
V-
OFFSET
NULL
10k
Ω
2
3
1
5
6
-
+
VIN
CL
RL
VOUT
CA741, CA741C, CA1458, CA1558, LM741, LM741C, LM1458



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com