Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD22101F Datasheet(PDF) 2 Page - Harris Corporation

Part # CD22101F
Description  CMOS 4 x 4 x 2 Crosspoint Switch with Control Memory
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

CD22101F Datasheet(HTML) 2 Page - Harris Corporation

  CD22101F Datasheet HTML 1Page - Harris Corporation CD22101F Datasheet HTML 2Page - Harris Corporation CD22101F Datasheet HTML 3Page - Harris Corporation CD22101F Datasheet HTML 4Page - Harris Corporation CD22101F Datasheet HTML 5Page - Harris Corporation CD22101F Datasheet HTML 6Page - Harris Corporation CD22101F Datasheet HTML 7Page - Harris Corporation CD22101F Datasheet HTML 8Page - Harris Corporation CD22101F Datasheet HTML 9Page - Harris Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
4-194
CD22101, CD22102
Absolute Maximum Ratings
Thermal Information
Supply Voltage (VDD) (Referenced to VSS Terminal) . . . .-0.5 to 20V
Input Voltage (All Inputs) . . . . . . . . . . . . . . . . . . . -0.5 to VDD +0.5V
Supply Voltage Range
For TA = Full Package Temperature Range . . . . . . . . . . . . . . 3V to 18V
Input Current (Any One Input) (Note 1)
. . . . . . . . . . . . . . . . . . .±10mA
Power Dissipation
For TA = -40
oC to 60oC (Package Type E) . . . . . . . . . . . . 500mW
For TA = 60
oC to 85oC
Package Type E) . . . . . . . . Derate Linearly 12mW/oC to 200mW
For TA = -55
oC to 100oC (Package Type D, F) . . . . . . . . . 500mW
For TA = 100
oC to 125oC
(Package Type D, F) . . . . . Derate Linearly 12mW/oC to 200mW
Device Dissipation per Output Transistor
For TA = Full Package Temperature Range (All Types) . . . . . 100mW
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . 175oC
Maximum Junction Temperature (Plastic Package) . . . . . . . . 150oC
Maximum Storage Temperature Range . . . . . . -65oC
≤ T
A ≤ 150
oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300oC
Operating Conditions
Temperature Range
Package Type D, F. . . . . . . . . . . . . . . . . . . . . -55oC
≤ T
A ≤ 125
oC
Package Type E . . . . . . . . . . . . . . . . . . . . . . . . -40oC
≤ T
A ≤ 85
oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Electrical Specifications
Values at -55oC, 25oC, 125oC Apply to D, F, H Packages
Values at -40oC, 25oC, 85oC Apply to E Package
PARAMETER
SYMBOL
TEST CONDITIONS
-55oC
-40oC85oC
125oC25oC
UNITS
FIGURE VDD(V) MAX
MAX
MAX
MAX
MIN
TYP
MAX
STATIC CROSSPOINTS
Quiescent Device
Current
IDD (Max)
1
5
5
5
150
150
-
0.04
5
µA
1
10
10
10
300
300
-
0.04
10
µA
1
15
20
20
600
600
-
0.04
20
µA
1
20
100
100
3000
3000
-
0.08
100
µA
On Resistance
RON (Max) Any Switch
VIS = 0 to
VDD
14
5
475
500
725
800
-
225
600
Ω
15
10
135
145
205
230
-
85
180
Ω
-
12
100
110
155
175
-
75
135
Ω
16
15
70
75
110
125
-
65
95
Ω
∆
ON Resistance
∆R
ON
Between Any Two
Switches
5
---
-
-
25
-
Ω
10
-
-
-
-
-
10
-
Ω
12
---
-
-
8
-
Ω
15
---
-
-
5
-
Ω
OFF Leakage Current
IL (Max) All Switches
OFF, VIS = 18V
418
±1000
-
±1
±100
(Note 2)
nA
STATIC CONTROLS
Input Low Voltage
VIL (Max) OFF Switch IL < 0.2µA
5
1.5
-
-
1.5
V
10
3
-
-
3
V
15
4
-
-
4
V
Input High Voltage
VIH (Min) ON Switch See RON
Characteristic
5
3.5
3.5
-
-
V
10
7
7
-
-
V
15
11
11
-
-
V
Input Current
IIN (Max) Any Control
VIN = 0, 18V
218
±0.1
±0.1
±1
±1-
±10-5
±0.1
µA
NOTES:
1. Maximum current through transmission gates (switches) = 25mA.
2. Determined by minimum feasible leakage measurement for automatic testing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com