Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A-USBB-M5-R Datasheet(PDF) 1 Page - Assmann Electronics Inc.

Part # A-USBB-M5-R
Description  USB, Version B-Mini, 5-Poles
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

A-USBB-M5-R Datasheet(HTML) 1 Page - Assmann Electronics Inc.

  A-USBB-M5-R Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
2
3
4
5
6
7
1
2
3
4
5
6
7
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
H
Item No.
Drawing No.
Title
Name
Chappell
Drawn
10.19.11
Approved
Modification
Date
Name
Scale
TOLERANCE
1:1
X.X
X.XX
X.XXX
Angle
±0.40
±0.25
±0.15
±3°
Replace
Sheet
A-USBB-M5-R (Version 1.1, 5—”)
A-USB/2-M5-R (Version 2.0, 30—”)
USB, Version B-Mini, 5-Poles
Complaint
RoHS
rev00


Similar Part No. - A-USBB-M5-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
A-USBB-M5-SMD ASSMANN-A-USBB-M5-SMD Datasheet
85Kb / 1P
USB 1.1 connectior - Mini style B, SMD, Female, 5 contacts
More results

Similar Description - A-USBB-M5-R

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
17-250021 CONEC-17-250021 Datasheet
474Kb / 1P
IP67 mini USB Receptacle Dust Cap Assembly kit with mini USB Type B Through Hole Version
17K1A139 CONEC-17K1A139 Datasheet
474Kb / 1P
IP67 mini USB Receptacle Dust Cap Assembly kit with mini USB Type B Through Hole Version
logo
Tyco Electronics
1-1734035-2 MACOM-1-1734035-2 Datasheet
386Kb / 4P
MINI USB, SMT, B TYPE
logo
Assmann Electronics Inc...
A-USBB-M4-M-R ASSMANN-A-USBB-M4-M-R Datasheet
173Kb / 1P
USB, Version B-Mini, 5-Poles, Top Entry
A-USBB-2-M4-M-R ASSMANN-A-USBB-2-M4-M-R Datasheet
173Kb / 1P
USB, Version B-Mini, 5-Poles, Top Entry
A-USBB-2-M5-R ASSMANN-A-USBB-2-M5-R Datasheet
221Kb / 1P
USB, Version B-Mini, 5-Poles
A-USBB-2-M5-TOP-R ASSMANN-A-USBB-2-M5-TOP-R Datasheet
167Kb / 1P
USB, Version B-Mini, 5-Poles, Top Entry Black
logo
Wurth Elektronik GmbH &...
65100516121 WURTH-65100516121 Datasheet
464Kb / 2P
MINI USB 2.0 SMT TYPE B 5 CONTACTS
651005136521 WURTH-651005136521 Datasheet
462Kb / 2P
MINI USB 2.0 TYPE B 5 CONTACTS
logo
Kycon, Inc.
KMBX KYCON-KMBX Datasheet
434Kb / 1P
Mini USB B Type Socket
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com