Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7795 Datasheet(PDF) 13 Page - Analog Devices

Part # AD7795
Description  6-Channel, Low Noise, Low Power
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7795 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7795 Datasheet HTML 9Page - Analog Devices AD7795 Datasheet HTML 10Page - Analog Devices AD7795 Datasheet HTML 11Page - Analog Devices AD7795 Datasheet HTML 12Page - Analog Devices AD7795 Datasheet HTML 13Page - Analog Devices AD7795 Datasheet HTML 14Page - Analog Devices AD7795 Datasheet HTML 15Page - Analog Devices AD7795 Datasheet HTML 16Page - Analog Devices AD7795 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
AD7794/AD7795
Rev. D | Page 12 of 36
Pin No.
Mnemonic
Description
18
AIN4(−)/REFIN2(−)
Analog Input/Negative Reference Input. AIN4(−) is the negative terminal of the differential analog input pair
AIN4(+)/AIN4(−). This pin also functions as the negative reference input for REFIN2. This reference input can
lie anywhere between GND and AVDD − 0.1 V.
19
PSW
Low-Side Power Switch to GND.
20
GND
Ground Reference Point.
21
AVDD
Supply Voltage, 2.7 V to 5.25 V.
22
DVDD
Serial Interface Supply Voltage, 2.7 V to 5.25 V. DVDD is independent of AVDD. Therefore, the serial interface
operates at 3 V with AVDD at 5 V or vice versa.
23
DOUT/RDY
Serial Data Output/Data Ready Output. DOUT/RDY serves a dual purpose. It functions as a serial data output
pin to access the output shift register of the ADC. The output shift register can contain data from any of the
on-chip data or control registers. In addition, DOUT/RDY operates as a data ready pin, going low to indicate
the completion of a conversion. If the data is not read after the conversion, the pin goes high before the
next update occurs. The DOUT/RDY falling edge can also be used as an interrupt to a processor, indicating
that valid data is available. With an external serial clock, the data can be read using the DOUT/RDY pin. With
CS low, the data/control word information is placed on the DOUT/RDY pin on the SCLK falling edge and is
valid on the SCLK rising edge.
24
DIN
Serial Data Input to the Input Shift Register on the ADC. Data in this shift register is transferred to the control
registers within the ADC with the register selection bits of the communications register identifying the
appropriate register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com