Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AK674-R Datasheet(PDF) 1 Page - Assmann Electronics Inc.

Part # AK674-R
Description  2 x USB A Female
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

AK674-R Datasheet(HTML) 1 Page - Assmann Electronics Inc.

  AK674-R Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
AK674-R
Material:
1. Cable 5 x AWG 28, Double Cable Shielding UL2725,
Cable Length 0.25m, USB 2.0 Compatible
1
2
3
4
5
6
7
1
2
3
4
5
6
7
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
H
Item No.
Drawing No.
Title
Name
Chappell
Drawn
10.19.11
Approved
Modification
Date
Name
Scale
TOLERANCE
1:1
X.X
X.XX
X.XXX
Angle
±0.40
±0.25
±0.15
±3°
Replace
Sheet
2 x USB A Female <-> 2 x 5-pin
Socket Connector, 2.54mm
Complaint
RoHS
rev00


Similar Part No. - AK674-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AK67421-0-5 ASSMANN-AK67421-0-5 Datasheet
140Kb / 1P
AK67421-X-R
AK67421-1 ASSMANN-AK67421-1 Datasheet
140Kb / 1P
AK67421-X-R
AK67421-2 ASSMANN-AK67421-2 Datasheet
140Kb / 1P
AK67421-X-R
AK67421-5 ASSMANN-AK67421-5 Datasheet
140Kb / 1P
AK67421-X-R
More results

Similar Description - AK674-R

ManufacturerPart #DatasheetDescription
logo
SUYIN USA, INC.
020173MR004F1OKZL SUYIN-USA-020173MR004F1OKZL Datasheet
126Kb / 1P
USB CONN A DIP FEMALE TYPE
logo
Assmann Electronics Inc...
A-USB-2 ASSMANN-A-USB-2 Datasheet
42Kb / 1P
USB A FEMALE-USB B MALE
A-USB-2-R ASSMANN-A-USB-2-R Datasheet
68Kb / 1P
USB ADAPTER - A TYPE FEMALE
A-USB-3 ASSMANN-A-USB-3 Datasheet
41Kb / 1P
USB A MALE-USB B FEMALE
A-USB-4-R ASSMANN-A-USB-4-R Datasheet
203Kb / 1P
USB Adapter -A TYPE FEMALE
logo
Wurth Elektronik GmbH &...
61400416021 WURTH-61400416021 Datasheet
816Kb / 2P
USB FEMALE R/A A TYPE
logo
Assmann Electronics Inc...
AK669-50-R ASSMANN-AK669-50-R Datasheet
194Kb / 1P
USB Extention Cable Version 1.1 USB A Male to USB A Female
A-USB-1 ASSMANN-A-USB-1 Datasheet
138Kb / 1P
USB B Female <=> USB A Female ADAPTER
logo
Wurth Elektronik GmbH &...
614004160211 WURTH-614004160211 Datasheet
422Kb / 1P
USB 2.0 FEMALE R/A A TYPE
logo
WAGO Kontakttechnik Gmb...
752-8303-8000-002 WAGO-752-8303-8000-002 Datasheet
334Kb / 4P
Edge Controller; 2 x ETHERNET, 2 x USB, 1 x USB-C, HDMI, CAN, DI/DO, RS-
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com