Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HY2001 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # HY2001
Description  DATA SHEET HY2001 30 WATTS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HY2001 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  HY2001 Datasheet HTML 1Page - List of Unclassifed Manufacturers HY2001 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL / MECHANICAL
DETAILS AND DIMENSIONS
INSTALLATION NOTES
1. For normal usage and conditions the amplifier needs no supplementary heatsink.
2. It must be mounted to allow a vertical flow of air through the fins.
3. No input capacitor is required. An internal 100V working capacitor is fitted.
4. For loudspeaker protection it is recommended that a quickblow fuse is mounted
between the output and the speaker. The fuse rating specified has been calculated
to ensure fast rupture in the event of DC being presented to the speaker. It is
advised not to use a higher rated fuse.
5. The amplifier module is supplied in 8Ω mode. To set 4Ω mode simply break the link
using a spot face cutter or a 3-5mm drill.
6. For 4Ω mode use a 2.0A quickblow fuse and for 8Ω a 1.5A quickblow fuse.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com