Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A-USB-5-R Datasheet(PDF) 1 Page - Assmann Electronics Inc.

Part # A-USB-5-R
Description  USB Adapter, A Male to A Male
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

A-USB-5-R Datasheet(HTML) 1 Page - Assmann Electronics Inc.

  A-USB-5-R Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Material:
• Hook up wire Non-UL 28 AWG
• Connector:
- P1 & P2: USB A Male Gold Flash Contact;
- Nickel Plated Shell
- Plastic: White
• Hood: Molded Type, PVC 45P
- Color: Beige (NK-A03)
Electrical:
• 100% Open, short & miswire test
• Contact Resistance: 3 Max.
• Insulation Resistance: 5 Min.
1
2
3
4
5
6
7
1
2
3
4
5
6
7
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
H
Item No.
Drawing No.
Title
Name
Chappell
Drawn
10.19.11
Approved
Modification
Date
Name
Scale
TOLERANCE
1:1
X.X
X.XX
X.XXX
Angle
±0.40
±0.25
±0.15
±3°
Replace
Sheet
A-USB-5-R
USB Adapter, A Male to A Male
Complaint
RoHS
rev00


Similar Part No. - A-USB-5-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
A-USB-5 ASSMANN-A-USB-5 Datasheet
45Kb / 1P
ADAPTER USB A MALE
A-USB-5 ASSMANN-A-USB-5 Datasheet
108Kb / 1P
USB Adaptors, IEEE 1394 Cables and Adaptors
More results

Similar Description - A-USB-5-R

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
3021003-03 QUALTEK-3021003-03 Datasheet
425Kb / 1P
USB 4P(A) MALE TO USB MINI 5P(B) MALE
logo
Assmann Electronics Inc...
A-USB-5 ASSMANN-A-USB-5 Datasheet
45Kb / 1P
ADAPTER USB A MALE
AK6702-1-R ASSMANN-AK6702-1-R Datasheet
97Kb / 1P
USB Cable A to A, Version 1.1 2.0 USB A Male to A Male
AK670M-1-R ASSMANN-AK670M-1-R Datasheet
351Kb / 1P
USB 1.1 & 2.0, USB A Male to
AK670M-3-R ASSMANN-AK670M-3-R Datasheet
351Kb / 1P
USB 1.1 & 2.0, USB A Male to
AK670M-5-R ASSMANN-AK670M-5-R Datasheet
351Kb / 1P
USB 1.1 & 2.0, USB A Male to
logo
List of Unclassifed Man...
632910731131 ETC2-632910731131 Datasheet
314Kb / 2P
CABLE USB 3.1 C MALE TO USB 3.1 A MALE
MC000992 ETC2-MC000992 Datasheet
213Kb / 1P
USB C Male to USB 3.1 A Male Cable 1m
logo
Wurth Elektronik GmbH &...
632910731131 WURTH-632910731131 Datasheet
360Kb / 2P
CABLE USB 3.1 C MALE TO USB 3.1 A MALE
logo
Rosenberger Hochfrequen...
L99-M0014-1000-A ROSENBERGER-L99-M0014-1000-A Datasheet
625Kb / 2P
USB 2.0 A MALE TO USB 2.0 MICRO-B ADAPTER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com