Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A-USB-6-R Datasheet(PDF) 1 Page - Assmann Electronics Inc.

Part # A-USB-6-R
Description  USB Adapter, B Male to B Male
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

A-USB-6-R Datasheet(HTML) 1 Page - Assmann Electronics Inc.

  A-USB-6-R Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Material:
• Hook up wire: Non-UL 26AWG
• Connector: P1 & P2: USB B Male Gold Flash Contact
- Nickel Plated Shell
- Plastic: White
• Hood: Molded Type PVC 45P Color: Beige(NK-A03)
Electrical:
• 100% Open, short & miswire test
• Contact Resistance: 3 Max.
• Insulation Resistance: 5 Min.
1
2
3
4
5
6
7
1
2
3
4
5
6
7
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
H
Item No.
Drawing No.
Title
Name
Chappell
Drawn
10.19.11
Approved
Modification
Date
Name
Scale
TOLERANCE
1:1
X.X
X.XX
X.XXX
Angle
±0.40
±0.25
±0.15
±3°
Replace
Sheet
A-USB-6-R
USB Adapter, B Male to B Male
Complaint
RoHS
rev00


Similar Part No. - A-USB-6-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
A-USB-6 ASSMANN-A-USB-6 Datasheet
44Kb / 1P
ADAPTER USB B MALE
A-USB-6 ASSMANN-A-USB-6 Datasheet
108Kb / 1P
USB Adaptors, IEEE 1394 Cables and Adaptors
More results

Similar Description - A-USB-6-R

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
3021003-03 QUALTEK-3021003-03 Datasheet
425Kb / 1P
USB 4P(A) MALE TO USB MINI 5P(B) MALE
logo
Assmann Electronics Inc...
A-USB-2 ASSMANN-A-USB-2 Datasheet
42Kb / 1P
USB A FEMALE-USB B MALE
A-USB-3 ASSMANN-A-USB-3 Datasheet
41Kb / 1P
USB A MALE-USB B FEMALE
A-USB-6 ASSMANN-A-USB-6 Datasheet
44Kb / 1P
ADAPTER USB B MALE
AK672-1XHQC-R ASSMANN-AK672-1XHQC-R Datasheet
77Kb / 1P
High Quality USB Connection Cable, USB A Male to USB B Male
AK670M-2-2-R ASSMANN-AK670M-2-2-R Datasheet
96Kb / 1P
USB 2.0 Cable A Male to Mini B Male
AK670M-2-5-R ASSMANN-AK670M-2-5-R Datasheet
96Kb / 1P
USB 2.0 Cable A Male to Mini B Male
logo
Rosenberger Hochfrequen...
L99-988-800 ROSENBERGER-L99-988-800 Datasheet
782Kb / 2P
USB 2.0 A MALE TO USB 2.0 MICRO-B
L99-M0014-1000-A ROSENBERGER-L99-M0014-1000-A Datasheet
625Kb / 2P
USB 2.0 A MALE TO USB 2.0 MICRO-B ADAPTER
logo
Tripp Lite. All Rights ...
U053-000-OTG TRIPPLITE-U053-000-OTG Datasheet
170Kb / 2P
2-in-1 OTG Adapter, USB 3.0 Micro B Male and USB 2.0 Micro B Male to USB A Female
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com