Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD40109BMS Datasheet(PDF) 3 Page - Intersil Corporation

Part # CD40109BMS
Description  CMOS Quad Low-to-High Voltage Level Shifter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD40109BMS Datasheet(HTML) 3 Page - Intersil Corporation

  CD40109BMS Datasheet HTML 1Page - Intersil Corporation CD40109BMS Datasheet HTML 2Page - Intersil Corporation CD40109BMS Datasheet HTML 3Page - Intersil Corporation CD40109BMS Datasheet HTML 4Page - Intersil Corporation CD40109BMS Datasheet HTML 5Page - Intersil Corporation CD40109BMS Datasheet HTML 6Page - Intersil Corporation CD40109BMS Datasheet HTML 7Page - Intersil Corporation CD40109BMS Datasheet HTML 8Page - Intersil Corporation CD40109BMS Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
7-38
Specifications CD40109BMS
TABLE 2. AC ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
CONDITIONS
GROUP A
SUBGROUPS
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Propagation Delay
Data In to Out
Shift Mode L-H
TPHL1
VDD = 10V, VIN = VCC or GND
VCC = 5V (Notes 1, 2)
9
+25oC
-
600
ns
10, 11
+125oC, -55oC
-
810
ns
Propagation Delay
Data In to Out
Shift Mode L-H
TPLH1
VDD = 10V, VIN = VCC or GND
VCC = 5V (Notes 1, 2)
9
+25oC
-
260
ns
10, 11
+125oC, -55oC
-
351
ns
Propagation Delay
Data In to Out
Shift Mode H-L
TPHL2
VDD = 5V, VIN = VCC or GND
VCC = 10V (Notes 1, 2)
9
+25oC
-
500
ns
10, 11
+125oC, -55oC
-
675
ns
Propagation Delay
Data In to Out
Shift Mode H-L
TPLH2
VDD = 5V, VIN = VCC or GND
VCC = 10V (Notes 1, 2)
9
+25oC
-
460
ns
10, 11
+125oC, -55oC
-
621
ns
Transition Time
Shift Mode L-H
TTHL1
TTLH1
VDD = 10V, VIN = VDD or GND
VCC = 5V (Notes 1, 2)
9
+25oC
-
100
ns
10, 11
+125oC, -55oC
-
135
ns
Transition Time
Shift Mode H-L
TTHL2
TTLH2
VDD = 5V, VIN = VDD or GND
VCC = 10V (Notes 1, 2)
9
+25oC
-
200
ns
10, 11
+125oC, -55oC
-
270
ns
Propagation Delay
3-State Shift Mode L-H
TPHZ1
VDD = 10V, VIN = VCC or GND
VCC = 5V (Notes 2, 3)
9
+25oC
-
120
ns
10, 11
+125oC, -55oC
-
162
ns
Propagation Delay
3-State Shift Mode H-L
TPHZ2
VDD = 5V, VIN = VCC or GND
VCC = 10V (Notes 2, 3)
9
+25oC
-
400
ns
10, 11
+125oC, -55oC
-
540
ns
Propagation Delay
3-State Shift Mode L-H
TPLZ1
VDD = 10V, VIN = VCC or GND
VCC = 5V (Notes 2, 3)
9
+25oC
-
740
ns
10, 11
+125oC, -55oC
-
999
ns
Propagation Delay
3-State Shift Mode H-L
TPLZ2
VDD = 5V, VIN = VCC or GND
VCC = 10V (Notes 2, 3)
9
+25oC
-
500
ns
10, 11
+125oC, -55oC
-
675
ns
Propagation Delay
3-State Shift Mode L-H
TPZH1
VDD = 10V, VIN = VCC or GND
VCC = 5V (Notes 2, 3)
9
+25oC
-
640
ns
10, 11
+125oC, -55oC
-
864
ns
Propagation Delay
3-State Shift Mode H-L
TPZH2
VDD = 5V, VIN = VCC or GND
VCC = 10V (Notes 2, 3)
9
+25oC
-
600
ns
10, 11
+125oC, -55oC
-
810
ns
Propagation Delay
3-State Shift Mode L-H
TPZL1
VDD = 10V, VIN = VCC or GND
VCC = 5V (Notes 2, 3)
9
+25oC
-
200
ns
10, 11
+125oC, -55oC
-
270
ns
Propagation Delay
3-State Shift Mode H-L
TPZL2
VDD = 5V, VIN = VCC or GND
VCC = 10V (Notes 2, 3)
9
+25oC
-
400
ns
10, 11
+125oC, -55oC
-
540
ns
NOTES:
1. CL = 50pF, RL = 200K, Input TR, TF < 20ns.
2. -55oC and +125oC limits guaranteed, 100% testing being implemented.
3. CL = 50pF, RL = 1K, Input TR, TF < 20ns.
TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
CONDITIONS
NOTES
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Supply Current
IDD
VDD = 5V, VIN = VDD or GND
1, 2
-55oC, +25oC-
1
µA
+125oC-
30
µA
VDD = 10V, VIN = VDD or GND
1, 2
-55oC, +25oC-
2
µA
+125oC-
60
µA
VDD = 15V, VIN = VDD or GND
1, 2
-55oC, +25oC-
2
µA
+125oC
-
120
µA
Output Voltage
VOL
VDD = 5V, No Load
1, 2
+25oC, +125oC,
-55oC
-50
mV



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com