Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A-USBB-2-M5-TOP-R Datasheet(PDF) 1 Page - Assmann Electronics Inc.

Part # A-USBB-2-M5-TOP-R
Description  USB, Version B-Mini, 5-Poles, Top Entry Black
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

A-USBB-2-M5-TOP-R Datasheet(HTML) 1 Page - Assmann Electronics Inc.

  A-USBB-2-M5-TOP-R Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
2
3
4
5
6
7
1
2
3
4
5
6
7
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
H
Item No.
Drawing No.
Title
Name
Chappell
Drawn
10.19.11
Approved
Modification
Date
Name
Scale
TOLERANCE
1:1
X.X
X.XX
X.XXX
Angle
±0.40
±0.25
±0.15
±3°
Replace
Sheet
A-USBB-M5-TOP-R (Version 1.1, 5—”)
A-USBB/2-M5-TOP-R (Version 2.0, 30—”)
USB, Version B-Mini, 5-Poles, Top Entry,
Black
Complaint
RoHS
rev00


Similar Part No. - A-USBB-2-M5-TOP-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
A-USBB-2-M5-R ASSMANN-A-USBB-2-M5-R Datasheet
221Kb / 1P
USB, Version B-Mini, 5-Poles
A-USBB-2-M5-SMD-R ASSMANN-A-USBB-2-M5-SMD-R Datasheet
94Kb / 1P
USB2.0 Mini Connector SMT - B Female type
More results

Similar Description - A-USBB-2-M5-TOP-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
A-USBB-M4-M-R ASSMANN-A-USBB-M4-M-R Datasheet
173Kb / 1P
USB, Version B-Mini, 5-Poles, Top Entry
A-USBB-M5-R ASSMANN-A-USBB-M5-R Datasheet
221Kb / 1P
USB, Version B-Mini, 5-Poles
A-USB-A-TOP ASSMANN-A-USB-A-TOP Datasheet
131Kb / 1P
USB connector -Top Entry
A-USBB-2-M4-M-R ASSMANN-A-USBB-2-M4-M-R Datasheet
173Kb / 1P
USB, Version B-Mini, 5-Poles, Top Entry
A-USBB-2-M5-R ASSMANN-A-USBB-2-M5-R Datasheet
221Kb / 1P
USB, Version B-Mini, 5-Poles
logo
Wurth Elektronik GmbH &...
651005136521 WURTH-651005136521 Datasheet
462Kb / 2P
MINI USB 2.0 TYPE B 5 CONTACTS
logo
Kycon, Inc.
KUSBVX KYCON-KUSBVX Datasheet
380Kb / 1P
Vertical Top Entry USB
KUSBVX-AS2N KYCON-KUSBVX-AS2N Datasheet
486Kb / 1P
Vertical Top Entry USB
logo
HARTING Technology Grou...
19-30-724-0427 HARTING-19-30-724-0427 Datasheet
498Kb / 2P
Han B Hood Top Entry HC M32 black
19-30-716-0428 HARTING-19-30-716-0428 Datasheet
494Kb / 2P
Han B Hood Top Entry HC M40 Black
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com