Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A-USBB-M4-H-R Datasheet(PDF) 1 Page - Assmann Electronics Inc.

Part # A-USBB-M4-H-R
Description  USB 1.1 Mini Connector H-Type SMT
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

A-USBB-M4-H-R Datasheet(HTML) 1 Page - Assmann Electronics Inc.

  A-USBB-M4-H-R Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RoHS
Compliant
1840 W. Drake Drive, Suite 101 • Tempe, AZ 85283
Toll Free: 1-877-277-6266 • Email: info@assmann.us
Title
Modification
Id.
Date
Name
Date
Name
Drawing-No.
Replace
Sheet
ASSMANN WSW-No.
1/1
A-USBB-M4-H-R
rev00
Wilson
30.11.12
USB 1.1 Mini Connector
H-Type SMT
4-poles for PCB Mount, B Female type
4:1
Scale
X.
X.X
X.XX
Size
X.°
X.X°
±0.38
±0.25
±0.13
±3°
±1.0°
A3
Material:
• Insulator: L.C.P. UL 94V-0 rated
• Contact: Brass, t=0.25mm
• Contact plating: 5—” selective gold on contact
• Shell: Brass, t=0.20mm
• Shell plating: Nickel
• Number of pins: 4
• Contact type: Female
• Insulator color: Black high temperature
Electrical:
• Current rating: 1A Max.
• Dielectric withstanding voltage: 500V(AC) for 1 min.
• Contact resistance: 30mW Max.
• Insulation resistance: 1000MW Min at DC 500V
• Total mating force: 3.57 Kgf Max.
• Total unmating force: 0.71 Kgf Min.
• Temperature range: -40°C~+85°C
+0.10
0.00
-0.00
9.35
2.40
0.80
0.20 X Y
6.50
6.00
0.90
7.20
5.35
3.70
3.00
0.10
X
Y
Z
0.10
10.30
0.50
0.80
2.40
3.00
1.00
+0.01
-0
3.55
B
RECOMMENDED PCB LAYOUT


Similar Part No. - A-USBB-M4-H-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
A-USBB-M4-M-R ASSMANN-A-USBB-M4-M-R Datasheet
173Kb / 1P
USB, Version B-Mini, 5-Poles, Top Entry
More results

Similar Description - A-USBB-M4-H-R

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-1734035-2 MACOM-1-1734035-2 Datasheet
386Kb / 4P
MINI USB, SMT, B TYPE
logo
FCI connector
10033526-N3212LF FCI-CONNECTOR-10033526-N3212LF Datasheet
148Kb / 2P
MINI USB B-TYPE SMT RECEPTACLE
10033527-N3212MLF FCI-CONNECTOR-10033527-N3212MLF Datasheet
143Kb / 2P
MINI USB AB TYPE RECEPTACLE CONNECTOR, R/A SMT TYPE
10033527-N3112 FCI-CONNECTOR-10033527-N3112 Datasheet
143Kb / 2P
MINI USB AB TYPE RECEPTACLE CONNECTOR, R/A SMT TYPE
logo
List of Unclassifed Man...
USB-M26FTR ETC2-USB-M26FTR Datasheet
84Kb / 1P
Mini USB - SMT Board Mount - B Type
logo
Assmann Electronics Inc...
AK670M-1-GR-R ASSMANN-AK670M-1-GR-R Datasheet
67Kb / 1P
USB 1.1 Mini Cable,
AK670M-2-GR-R ASSMANN-AK670M-2-GR-R Datasheet
68Kb / 1P
USB 1.1 Mini Cable
AK670M-3-GR-R ASSMANN-AK670M-3-GR-R Datasheet
68Kb / 1P
USB 1.1 Mini Cable,
AK670M-5-GR-R ASSMANN-AK670M-5-GR-R Datasheet
68Kb / 1P
USB 1.1 Mini Cable
AK672M-1-GR-R ASSMANN-AK672M-1-GR-R Datasheet
77Kb / 1P
USB 1.1 Mini Cable
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com