Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4013BMS Datasheet(PDF) 6 Page - Intersil Corporation

Part # CD4013BMS
Description  CMOS Dual ‘D’-Type Flip-Flop
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4013BMS Datasheet(HTML) 6 Page - Intersil Corporation

  CD4013BMS Datasheet HTML 1Page - Intersil Corporation CD4013BMS Datasheet HTML 2Page - Intersil Corporation CD4013BMS Datasheet HTML 3Page - Intersil Corporation CD4013BMS Datasheet HTML 4Page - Intersil Corporation CD4013BMS Datasheet HTML 5Page - Intersil Corporation CD4013BMS Datasheet HTML 6Page - Intersil Corporation CD4013BMS Datasheet HTML 7Page - Intersil Corporation CD4013BMS Datasheet HTML 8Page - Intersil Corporation CD4013BMS Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
7-67
Specifications CD4013BMS
Logic Diagram
FIGURE 1. ONE OF TWO IDENTICAL FLIP-FLOPS
TABLE 8. BURN-IN AND IRRADIATION TEST CONNECTIONS
FUNCTION
OPEN
GROUND
VDD
9V
± -0.5V
OSCILLATOR
50kHz
25kHz
Static Burn-In 1
(Note 1)
1, 2, 12, 13
3-11
14
Static Burn-In 2
(Note 1)
1, 2, 12, 13
7
3-6, 8-11, 14
Dynamic Burn-
In (Note 1)
-
4, 6-8, 10
14
1, 2, 12, 13
3, 11
5, 9
Irradiation
(Note 2)
1, 2, 12, 13
7
3-6, 8-11, 14
NOTE:
1. Each pin except VDD and GND will have a series resistor of 10K
± 5%, VDD = 18V ± 0.5V
2. Each pin except VDD and GND will have a series resistor of 47K
± 5%; Group E, Subgroup 2, sample size is 4 dice/wafer, 0 failures,
VDD = 10V
± 0.5V
TRUTH TABLE
CL*
DR
SQ
Q
00001
No
Change
10010
X0
0
Q
Q
X
X
1001
X
X
0110
X
X
1111
Logic 0 = Low
Logic 1 = High
* = Level change
X = Don’t care
N(N) = FF1/FF2 terminal assignments
p
n
TG
CL
CL
p
n
TG
CL
CL
p
n
TG
CL
CL
p
n
TG
CL
CL
* All inputs are protected by CMOS protection network
*4(10)
*5(9)
RESET
DATA
*6(8)
SET
*3(11)
CL
CL
CL
VDD
VSS
14
7
MASTER SECTION
SLAVE SECTION
BUFFERED OUTPUTS
2(12)
Q
1(13)
Q



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com