Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1797-P Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SA1797-P
Description  PNP Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SA1797-P Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2SA1797-P Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SA1797-P Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMD Type
www.kexin.com.cn
2
Transistors
PNP Transistors
2SA1797
■
Typical Characterisitics
0
1
-
1
-
1
10
100
1000
0
1
-
1
-
10
100
0
25
50
75
100
125
150
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0
0
0
1
-
0
0
1
-
0
1
-
1
-
-0.01
-0.1
-1
-0.0
-0.3
-0.6
-0.9
-1.2
-1
-10
-100
-1000
-0
-2
-4
-6
-8
-10
-0.0
-0.5
-1.0
-1.5
-2.0
0
0
0
1
-
0
0
1
-
0
1
-
1
-
10
100
1000
0
0
0
1
-
0
0
1
-
0
1
-
1
-
-0.1
-1
f=1MHz
I
E=0 / IC=0
T
a=25
oC
-20
C
ob
C
ib
V
CB / VEB
C
ob / Cib
——
REVERSE VOLTAGE V (V)
COMMON EMITTER
V
CE=-2V
T
a=25
℃
I
C
f
T
——
200
-70
COLLECTOR CURRENT I
C
(mA)
P
c
—— T
a
AMBIENT TEMPERATURE T
a
( )
℃
-2000
T
a=100
oC
T
a=25
oC
-2000
β=20
V
CEsat ——
I
C
COLLECTOR CURRENT I
C
(mA)
COMMON EMITTER
V
CE=-2V
T
a=25
oC
T
a=100
oC
V
BE
——
I
C
BASE-EMITTER VOLTAGE
V
BE(V)
COMMON
EMITTER
T
a=25
℃
I
B=-1mA
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
Static Characteristic
-10mA
-9mA
-8mA
-7mA
-6mA
-5mA
-4mA
-3mA
-2mA
COMMON EMITTER
V
CE= -2V
T
a=25
oC
T
a=100
oC
I
C
h
FE ——
COLLECTOR CURRENT I
C
(mA)
-2000
T
a=100
oC
T
a=25
oC
β=20
-2
I
C
V
BEsat ——
COLLECTOR CURRENT I
C
(mA)
-2000



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com