Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A-USBPB-3-R Datasheet(PDF) 1 Page - Assmann Electronics Inc.

Part # A-USBPB-3-R
Description  USB 3.0 Assembly Type - B connector type
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

A-USBPB-3-R Datasheet(HTML) 1 Page - Assmann Electronics Inc.

  A-USBPB-3-R Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Material:
• Housing: PBT, UL94V-0
• Shell: SPCC.T=0.30MM
• Contact: C2680 T=0.20MM 4Pcs
C5210 T=0.25MM 5Pcs
• Shell: Nickel over all plating
Electrical:
• Dielectric withstanding voltage: 100V AC (RMS)
• Contact Resistance:
• Temperature Range: -20°C ~ +85°C
Mechanical:
• Insertion Force: 35 Newtons Maximum
• Extraction Force: 10 Newtons Minimum
Unit: MM±0.20MM
1
2
3
4
5
6
7
1
2
3
4
5
6
7
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
H
Item No.
Drawing No.
Title
Name
Chappell
Drawn
10.19.11
Approved
Modification
Date
Name
Scale
TOLERANCE
1:1
X.X
X.XX
X.XXX
Angle
±0.40
±0.25
±0.15
±3°
Replace
Sheet
A-USBPB-3-R
Complaint
RoHS
rev00
USB 3.0 Assembly Type - B connector type


Similar Part No. - A-USBPB-3-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
A-USBPB-2 ASSMANN-A-USBPB-2 Datasheet
724Kb / 1P
USB, Type B, Assembly-Type
A-USBPB-HOOD ASSMANN-A-USBPB-HOOD Datasheet
108Kb / 1P
USB Adaptors, IEEE 1394 Cables and Adaptors
A-USBPB-HOOD-BLK ASSMANN-A-USBPB-HOOD-BLK Datasheet
60Kb / 1P
Hoods USB-Assembly, Type B, Male, Black
A-USBPB-HOOD-R ASSMANN-A-USBPB-HOOD-R Datasheet
59Kb / 1P
Hoods for USB-Assembly, Type B, Male
A-USBPB-N ASSMANN-A-USBPB-N Datasheet
856Kb / 1P
Bauform A B, zur Selbstassemblierung
More results

Similar Description - A-USBPB-3-R

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
GSB321131HR AMPHENOL-GSB321131HR Datasheet
143Kb / 1P
USB 3.0 B TYPE CONNECTOR , R/A DIP TYPE
logo
Wurth Elektronik GmbH &...
692221030100 WURTH-692221030100 Datasheet
338Kb / 1P
USB 3.0 HORIZONTAL TYPE B
692903100000 WURTH-692903100000 Datasheet
387Kb / 2P
CABLE ASSEMBLY USB 3.0 TYPE A MALE TO TYPE B MALE
logo
Assmann Electronics Inc...
A-USBPB-R ASSMANN-A-USBPB-R Datasheet
61Kb / 1P
USB, Type B, Assembly-Type, VERSION 1.1
A-USBPB-2 ASSMANN-A-USBPB-2 Datasheet
724Kb / 1P
USB, Type B, Assembly-Type
logo
Adam Technologies, Inc.
MCR-B-MPLUG-01 ADAM-TECH-MCR-B-MPLUG-01 Datasheet
82Kb / 1P
MICRO USB 3.0 B TYPE
MCR-B-MPLUG-02 ADAM-TECH-MCR-B-MPLUG-02 Datasheet
82Kb / 1P
MICRO USB 3.0 B TYPE
MCR-B-MPLUG-03 ADAM-TECH-MCR-B-MPLUG-03 Datasheet
96Kb / 1P
MICRO USB 3.0 B TYPE
logo
Pulse A Technitrol Comp...
E8199-030-01 PULSE-E8199-030-01 Datasheet
86Kb / 1P
USB 3.0 B TYPE RECEPTACLE
E8199-070-01 PULSE-E8199-070-01 Datasheet
109Kb / 1P
USB 3.0 B TYPE PLUG
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com