Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB710A-Q Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SB710A-Q
Description  PNP Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SB710A-Q Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2SB710A-Q Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SB710A-Q Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMD Type
www.kexin.com.cn
2
Transistors
PNP Transistors
2SB710A
■
Typical Characterisitics
VCE(sat) - IC
VBE(sat) IC
hFE
IC
PC - Ta
IC
VCE
IC
IB
fT
IE
Cob
VCB
VCER RBE
0
6
1
0
40
120
80
0
240
200
160
120
80
40
Ambient temperature Ta (°C)
0
2
1
–
0
0
1
–
2
–
–4
–8
–6
−1200
−1000
−800
−600
−400
−200
−9 mA
−8 mA
−7 mA
−6 mA
−5 mA
−4 mA
−3 mA
−2 mA
−1 mA
IB =
−10 mA
Collector-emitter voltage VCE (V)
T a = 25°
C
0
−10
−8
−6
−4
−2
0
−800
−700
−600
−500
−400
−300
−200
−100
Base current IB (mA)
V CE =
−10 V
T a = 25°
C
− 0.001
−1
− 0.01
− 0.1
−1
−10
−10
−100
−1000
Collector current IC (mA)
I C/IB = 10
25°
C
−25°C
T a=75°
C
−1
− 0.1
−1
−10
−100
−10
−100
−1000
T a =
−25°C
25°
C
75°
C
Collector current I C(mA)
IC /IB = 10
− 0.01
0
600
500
400
300
200
100
−1
−10
V CE =
−10 V
− 0.01
− 0.1
Collector current IC (A)
T a = 75°
C
25°
C
−25°C
0
240
200
160
120
80
40
1
10
100
Emitter current IE (mA)
V CB =
−10 V
T a = 25°
C
0
−1
24
20
16
12
8
4
−10
−100
Collector-base voltage VCB (V)
IE = 0
f= 1 MHz
T a = 25°
C
1
10
100
1000
0
−120
−100
−80
−60
−40
−20
Base-emitter resistance RBE (kΩ)
IC =
−2 mA
T a = 25°
C
2SB0710A



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com