Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4015 Datasheet(PDF) 3 Page - Intersil Corporation

Part # CD4015
Description  CMOS Dual 4-Stage Static Shift Register With Serial Input/Parallel Output
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4015 Datasheet(HTML) 3 Page - Intersil Corporation

  CD4015 Datasheet HTML 1Page - Intersil Corporation CD4015 Datasheet HTML 2Page - Intersil Corporation CD4015 Datasheet HTML 3Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil semiconductor products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time with-
out notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
Die Characteristics
DIE DIMENSIONS:
(2032
µm x 2489µm x 533µm ±25.4µm)
80 x 98 x 21mils
±1mil
METALLIZATION:
Type: Al
Thickness: 12.5k
Å
±1.5kÅ
SUBSTRATE POTENTIAL:
Leave Floating or Tie to VDD; Bond Pad #16 (VDD) First
BACKSIDE FINISH:
Silicon
PASSIVATION:
Type: Phosphorus Doped Silox (SiO2)
Thickness: 13k
Å
±2.6kÅ
WORST CASE CURRENT DENSITY:
< 2.0e5 A/cm2
TRANSISTOR COUNT:
60
PROCESS:
Bulk CMOS
Metallization Mask Layout
CD4015BT
13
3
14
15
12
11
10
2
1
16
4
5
6
7
8
9
98mils
80mils
CD4015BT



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com