Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NO-616-R Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # NO-616-R
Description  Fuse Reducers
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

NO-616-R Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  NO-616-R Datasheet HTML 1Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ClassH,J,K,&R
REDUCERS
FuseReducers
FormNo.H,J,K,andR
Page1of1
DataSheet:1118
Bussmann®
0814
SB05037
CatalogSymbol:CLASSH,J,K,&R
FuseReducers
ULListed(GUIDE#IZZR,FILE#E12853)
CSACertified
(CLASS6225-01,FILE#47235)
The only controlled copy of this Data Sheet is the electronic read-only version located on the Bussmann Network Drive. All other copies of this Data Sheet are by definition uncontrolled. This bulletin is intended to clearly present comprehen-
sive product data and provide technical information that will help the end user with design applications. Bussmann reserves the right, without notice, to change design or construction of any products and to discontinue or limit distribution of
any products. Bussmann also reserves the right to change or update, without notice, any technical information contained in this bulletin. Once a product has been selected, it should be tested by the user in all possible applications.
FuseReducersforClassH&KDimensionFuses
NON,REN—NOS,RES
CatalogNo.(Pairs)
250V *Carton 600V *Carton
Fuse Desired Reducer Weight
Reducer Weight
Size Size
No.
(Lbs.)
No.
(Lbs.)
30A 60A
No.263
0.38
No.663 1.00
30A 100A No.213
1.73
No.216 1.73
60A 100A No.216
1.73
No.616 1.85
60A 200A No.226
3.00
No.626 3.33
100A 200A No.2621 1.63
No.2621 1.63
100A 400A ‡‡No.2641 4.90
‡‡No.2641 4.90
200A 400A No.2642 3.50
No.2642 3.50
100A 600A ‡‡No.2661 8.70
‡‡No.2661 8.70
200A 600A ‡‡No.2662 6.85
‡‡No.2662 6.85
400A 600A ‡‡No.2664 4.45
‡‡No.2664 4.45
‡‡TheseproductsdonothaveCSAcertification
*Cartonquantity—10pair.
FuseReducersforClassJDimensionFuses-LPJ,JKS.
CatalogNo.
*Carton
Fuse
Desired
(Pair)
Weight
Size
Size
ReducerNo.
(Lbs.)
30A
60A
‡J-63
0.38
30A
100A
‡J-13
1.73
60A
100A
‡J-16
1.85
60A
200A
‡J-26
2.55
100A
†200A
‡J-21
1.36
100A
†400A
‡J-41
4.90
200A
†400A
‡J-42
2.75
200A
600A
‡J-62
1.80
400A
†600A
‡J-64
3.55
‡TheseproductsdonothaveCSAorULcertification
*Cartonquantity—10pair.†NotforBolt-onApplications.
FuseReducersforClassRDimensionFuses
FRN-R,LPN-RK—FRS-R,LPS-RK.
Fuse
Desired
CatalogNo.(Pairs)
Size
Size
250V
600V
30A
60A
No.263-R
No.663-R
30A
100A
No.213-R
No.216-R
60A
No.216-R
No.616-R
60A
200A
No.226-R
No.626-R
100A
‡‡No.2621-R***†
100A
400A
‡‡No.2641-R
200A
‡‡No.242-R
‡‡No.642-R
100A
‡‡No.2661-R
200A
600A
‡‡No.2662-R
400A
‡‡No.2664-R**
** Singlereduceronly(pairnotrequired)
*** ReducerNo.2621-RdoesnotapplytoLPN-RK-70SPtoLPN-RK-100SP
Fuses.
† RecommendedforusewithBussmannRM25200Seriesfuseblocks.Retaining
cliponreducermaynotfitinotherClassR250Vblocksandisnotcompatible
withobsoleteBussmannblocksR25200-1CRandR25200-3CR.
‡‡ TheseproductsdonothaveCSAcertification
Note:Cartonquantity-10pair.
•Fusereducersinstallinfuseclipstopermittheinstallation
ofsmallersizefusesthanthoseforwhichtheclipsare
designed
•Reducersfitintomostpanelsorswitchesincludingthe
dead-fronttype.
•Strongcontactismaintainedbothmechanicallyandelectri-
cally.
•Therearenoreducerstogofrom250Vto600Vor600Vto
250V.
•TherearenoreducersforswitchingfromoneClasstoanoth-
er.
•TherearenoreducersforClassTfuses.
•BydesignClassLfusesdonotrequirereducers.
60A
100A
200A
400A
600A


Similar Description - NO-616-R

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LRU263M LITTELFUSE-LRU263M Datasheet
410Kb / 1P
Misc. Products - Fuse Reducers
logo
Cooper Bussmann, Inc.
J-63 COOPER-J-63 Datasheet
372Kb / 2P
Class H (K), J and R ferrule and blade fuse reducers
logo
Eaton All Rights Reserv...
H-K EATON-H-K Datasheet
547Kb / 2P
Class H/K, J and R ferrule and blade fuse reducers
logo
PHOENIX CONTACT
2900796 PHOENIX-2900796 Datasheet
54Kb / 2P
Fuse - THERMAL FUSE TF104
logo
Cyntec Co., Ltd.
FC-5432-10A-C1-C CYNTEC-FC-5432-10A-C1-C Datasheet
1Mb / 10P
FUSE
FC-5432-12A-C1-C CYNTEC-FC-5432-12A-C1-C Datasheet
1Mb / 10P
FUSE
FD-4030-12A-C1-C CYNTEC-FD-4030-12A-C1-C Datasheet
1,017Kb / 10P
FUSE
FR-9550-30A-C01-B CYNTEC-FR-9550-30A-C01-B Datasheet
1Mb / 11P
FUSE
logo
Shanghai Leiditech Elec...
LM5N1500AP LEIDITECH-LM5N1500AP Datasheet
761Kb / 5P
FUSE
logo
Littelfuse
LRU LITTELFUSE-LRU Datasheet
208Kb / 1P
LRU Series FUSE REDUCERS
Rev: 011113
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com