Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB1002-J Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SB1002-J
Description  PNP Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SB1002-J Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2SB1002-J Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SB1002-J Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SB1002-J Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SMD Type
www.kexin.com.cn
2
Transistors
PNP Transistors
2SB1002
■
Typical Characterisitics
0
0.4
0.8
1.2
50
Ambient Temperature Ta (。C)
Maximum Collector Dissipation Curve
100
150
0
–100
–80
–60
–40
–20
–2
–4
Collector to Emitter Voltage VCE (V)
Typical Output Characteristics
–6
–8
–10
IB = 0
–0.05 mA
–0.1
–0.15
–0.25
–0.35
–0.45
–0.2
–0.3
–0.4
0
–2.0
–1.6
–1.2
–0.8
–0.4
–0.4
–0.8
Collector to Emitter Voltage VCE (V)
Typical Output Characteristics
–1.2
–1.6
–2.0
IB = 0
–50
–40
–30
–20
–10 mA
0
–1,000
–300
–100
–30
–10
–3
–1
–0.2
–0.4
Base to Emitter Voltage VBE (V)
Typical Transfer Characteristics
–0.6
–0.8
–1.0
VCE = –2 V
–1
10,000
3,000
1,000
300
30
10
100
–3
–10 –30
Collector Current IC (mA)
DC Current Transfer Ratio vs.
Collector Current
–100 –300 –1,000
Pulse
VCE = –2 V
–0.3
3,000
1,000
300
100
30
10
3
–1.0 –3
Collector to Base Voltage VCB (V)
Collector Output Capacitance
vs. Collector to Base Voltage
–10 –30 –100 –300
f = 1 MHz
IE = 0



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com