Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB1070-P Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SB1070-P
Description  PNP Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SB1070-P Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2SB1070-P Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SB1070-P Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMD Type
www.kexin.com.cn
2
Transistors
PNP Transistors
2SB1070
■
Typical Characterisitics
VBE(sat) IC
hFE
IC
fT
IC
PC
Ta
IC
VCE
VCE(sat) IC
ton, tstg, tf
IC
Safe operation area
0
10
30
20
40
0
5
1
0
5
2
1
5
2
50
100
75
Ambient temperature Ta (°C)
(1)TC=Ta
(2)With a 50×50×2mm
Al heat sink
(3)Without heat sink
(PC=1.3W)
(1)
(2)
(3)
0
−6
−5
−4
−3
−2
−1
0
−10
−2
−4
−8
−6
TC=25˚C
–40mA
–50mA
–45mA
–30mA
–35mA
–20mA
–15mA
–10mA
–25mA
–5mA
IB =–80mA
Collector-emitter voltage VCE (V)
− 0.01
− 0.01
− 0.1
−1
−10
−100
− 0.1
−1
−10
Collector current I C (A)
IC /I B =20
25˚C
–25˚C
T C
=100˚C
− 0.01
− 0.01
− 0.1
−1
−10
−100
− 0.1
−1
−10
IC /IB =20
T C
=–25˚C
100˚C
25˚C
Collector current I C (A)
− 0.01
− 0.1
−1
−10
− 0.1
−1
−10
−100
−1000
V CE =–2V
T C
=100˚C
25˚C
–25˚C
Collector current I C (A)
− 0.01
− 0.1
−1
−10
0.1
1
10
100
1000
VCE=–2V
f=10MHz
TC=25˚C
Collector current I C (mA)
− 0.01
−1
− 0.1
−1
−10
−100
−10
−100
−1000
Collector-emitter voltage VCE (V)
Non repetitive pulse
TC=25˚C
t=10ms
t=300ms
t=1ms
ICP
IC
0.01
10
1
0.1
0
−8
−2
−6
−4
Collector current IC (A)
tstg
ton
tf
Pulsed tw =1ms
Duty cycle=1%
IC/IB=10
(–IB1=IB2)
VCC=–20V
TC=25˚C
Rth
t
104
103
102
10
1
10−1
10−2
10−3
10−2
10−1
1
10
102
Time t (s)
(1)Without heat sink
(2)With a 50×50×2mm Al heat sink
(1)
(2)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com