Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB1123-R Datasheet(PDF) 3 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SB1123-R
Description  PNP Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SB1123-R Datasheet(HTML) 3 Page - Guangdong Kexin Industrial Co.,Ltd

  2SB1123-R Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SB1123-R Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SB1123-R Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SMD Type
www.kexin.com.cn
3
Transistors
PNP Transistors
2SB1123
■
Typical Characterisitics
A S O
1.0
0.1
5
10
5
3
3
2
2
5
3
2
0
1
0
.
1
2
5 7
3
100
2
5 7
3
5 7
0
0.8
0.6
0.5
0.4
0.2
0
20
40
60
100
120
160
140
80
PC -- Ta
2SB1123
IC=2A
ICP=4A
DC
operation
2SB1123
Ta=25ϒC
Single pulse
For PNP, minus sign is omitted
Mounted on a ceramic board(250mm2• 0.8mm)
Collector-to-Emitter Voltage, VCE -- V
Ambient Temperature, Ta --。C
2
5
2
5
2
5
2
5
--1.0
--0.1
--0.01
--100
--10
7
7
5
3
2
--10
3
3
2
5
--100
2
--1000
VCE(sat) -- IC
2SB1123
IC / IB=20
Collector Current, IC -- mA
0
1.6
1.4
1.2
1.3
0.8
1.0
0.6
0.4
0.2
0
20
40
60
100
120
160
140
80
PC -- Tc
2SB1123
Case Temperature, Tc -- C
Mounted
on
a ceramic
board(250mm
2• 0.8mm)
No
heat
sink
。



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com