Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB1174-P Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SB1174-P
Description  PNP Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SB1174-P Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2SB1174-P Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SB1174-P Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SB1174-P Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SMD Type
www.kexin.com.cn
2
Transistors
PNP Transistors
2SB1174
■
Typical Characterisitics
VBE(sat) - IC
hFE - IC
fT - IC
PC - Ta
IC - VCE
VCE(sat) - IC
Cob - VCB
ton, tstg, tf - IC
Safe operation area
0
0
6
1
0
40
120
80
5
15
10
20
(1)TC=Ta
(2)Without heat sink
(PC=1.3W)
(1)
(2)
Ambient temperature Ta (°C)
0
0
−12
−2
−10
−4
−8
−6
−6
−5
−4
−3
−2
−1
Collector-emitter voltage V CE (V)
T C
=25˚C
–80mA
–60mA
–40mA
–30mA
–16mA
–20mA
–12mA
–8mA
–4mA
IB =–100mA
− 0.01
− 0.01
− 0.1
−1
−10
−100
− 0.1
−1
−10
Collector current I C (A)
IC /I B=20
25˚C
T C
=100˚C
–25˚C
− 0.01
− 0.01
− 0.1
−1
−10
−100
− 0.1
−1
−10
Collector current IC (A)
IC /IB =20
T C
=–100˚C
25˚C
–25˚C
− 0.01
− 0.1
−1
−10
1
10
102
104
103
Collector current I C (A)
V CE =–2V
T C
=100˚C
25˚C
–25˚C
− 0.01
− 0.1
−1
−10
1
10
102
104
103
Collector current I C (A)
VCE=–10V
f=10MHz
TC=25˚C
0
−3.2
− 0.8
−2.4
−1.6
0.01
0.1
1
10
100
Collector current IC (A)
tstg
ton
tf
Pulsed tw=1ms
Duty cycle=1%
IC/IB=10
(–IB1=IB2)
VCC=–50V
TC=25˚C
− 0.1
−1
−10
−100
1
10
102
104
103
Collector-base voltage VCB (V)
IE=0
f=1MHz
TC=25˚C
− 0.01
−1
− 0.1
−1
−10
−100
−10
−100
−1000
Collector-emitter voltage VCE (V)
Non repetitive pulse
TC=25˚C
t=10ms
t=300ms
t=1ms
ICP
IC



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com