Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AB-1394-5-R Datasheet(PDF) 1 Page - Assmann Electronics Inc.

Part # AB-1394-5-R
Description  IEEE 1394 Adaptor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

AB-1394-5-R Datasheet(HTML) 1 Page - Assmann Electronics Inc.

  AB-1394-5-R Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
2
3
4
5
6
7
1
2
3
4
5
6
7
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
H
Item No.
Drawing No.
Title
Name
Chappell
Drawn
10.24.11
Approved
Modification
Date
Name
Scale
TOLERANCE
1:1
X.X
X.XX
X.XXX
Angle
±0.40
±0.25
±0.15
±3°
Replace
Sheet
AB-1394-5-R
IEEE 1394 Adaptor,
4 Pin Female - 4 Pin Female
Complaint
RoHS
rev00


Similar Part No. - AB-1394-5-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AB-1394-1 ASSMANN-AB-1394-1 Datasheet
108Kb / 1P
USB Adaptors, IEEE 1394 Cables and Adaptors
AB-1394-1-R ASSMANN-AB-1394-1-R Datasheet
301Kb / 1P
IEEE 1394 ADAPTOR
AB-1394-2 ASSMANN-AB-1394-2 Datasheet
108Kb / 1P
USB Adaptors, IEEE 1394 Cables and Adaptors
AB-1394-2-R ASSMANN-AB-1394-2-R Datasheet
258Kb / 1P
IEEE 1394 Adaptor
AB-1394-3-R ASSMANN-AB-1394-3-R Datasheet
259Kb / 1P
IEEE 1394 Adaptor
More results

Similar Description - AB-1394-5-R

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CS4210 NSC-CS4210 Datasheet
1Mb / 102P
IEEE 1394 OHCI Controller
logo
List of Unclassifed Man...
MD8412B ETC2-MD8412B Datasheet
619Kb / 114P
LINK(IEEE 1394)
logo
Qualtek Electronics Cor...
1821019-15 QUALTEK-1821019-15 Datasheet
428Kb / 1P
IEEE 1394 6P/M - IEEE 6P/M
logo
Assmann Electronics Inc...
AB-1394-1-R ASSMANN-AB-1394-1-R Datasheet
301Kb / 1P
IEEE 1394 ADAPTOR
AB-1394-2-R ASSMANN-AB-1394-2-R Datasheet
258Kb / 1P
IEEE 1394 Adaptor
AB-1394-3-R ASSMANN-AB-1394-3-R Datasheet
259Kb / 1P
IEEE 1394 Adaptor
AB-1394-4-R ASSMANN-AB-1394-4-R Datasheet
150Kb / 1P
IEEE 1394 Adaptor
AB-1394-7-R ASSMANN-AB-1394-7-R Datasheet
171Kb / 1P
IEEE 1394 Adaptor
A-IE-S-SMT ASSMANN-A-IE-S-SMT Datasheet
84Kb / 1P
IEEE 1394 connector
logo
Glenair, Inc.
963-006 GLENAIR-963-006 Datasheet
214Kb / 1P
IEEE 1394 (Firewire)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com