Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB1184-R Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SB1184-R
Description  PNP Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SB1184-R Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2SB1184-R Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SB1184-R Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SB1184-R Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SMD Type
www.kexin.com.cn
2
Transistors
PNP Transistors
2SB1184
■
Typical Characterisitics
BASE TO EMITTER VOLTAGE : VBE
(V)
0 −0.2
−1.4
−0.4
−0.8
−1.2
−1.6 −1.8
−1.0
−0.6
−0.01
−0.05
−0.1
−0.02
−0.5
−1
−0.2
−5
−10
−2
VCE= −3V
Ta=100°C
25°C
-25°C
Fig.1 Grounded emitter
propagation characteristics
−1
0
−2
−3
−4
−5
0
−0.5
−1.0
−1.5
−2.0
−2.5
−3.0
IB=0mA
−5mA
−10mA
−15mA
−20mA
Tc=25°C
−50mA
−45mA
−40mA
−35mA
−30mA
−25mA
COLLECTOR TO EMITTER VOLTAGE : VCE
(V
Fig.2 Grounded emitter output
characteristics ( )
Fig.3 Grounded emitter output
characteristics ( )
−10
0
−20
−30
−40
−50
0
−0.5
−1.0
−2.0
−1.5
−2.5
−3.0
IB=0mA
IB=−5mA
−10mA
−25mA
−30mA
−35mA
−40mA
−45mA
−50mA
−20mA
−15mA
PC=15W
Tc=25°C
COLLECTOR TO EMITTER VOLTAGE : VCE (V)
−0.01
−0.05 −0.1
−0.02
−0.5 −1
−0.2
−5 −10
−2
1
5
10
2
50
100
20
500
1000
200
Ta=25°C
VCE=−5V
−3V
COLLECTOR CURRENT : IC
(A)
Fig.4 DC current gain vs.
collector current ( )
−0.01−0.02
−0.1
−0.05
−0.2
−1
−0.5
−2
−10
−5
1
5
10
2
50
100
20
500
1k
200
VCE= −3V
COLLECTOR CURRENT : IC
(A)
Ta=100°C
25°C
−25°C
Fig.5 DC current gain vs.
collector current ( )
−0.01−0.02
−0.1
−0.05
−0.2
−1
−0.5
−2
−10
−5
−0.01
−0.02
−0.05
−0.1
−0.2
−0.5
−1
−2
−5
−10
COLLECTOR CURRENT : IC
(A)
Ta=25°C
IC/IB=50/1
20/1
10/1
Fig.6 Collector-emitter saturation
voltage vs.collector current
COLLECTOR CURRENT : IC
(A)
−0.01 −0.02
−0.1
−0.05
−0.2
−1
−0.5
−2
−10
−5
−0.01
−0.02
−0.05
−0.1
−0.2
−0.5
−1
−2
−5
−10
lC/lB=10
Ta= −25°C
25°C
100°C
Ta=100°C
25°C
−25°C
VBE(sat)
VCE(sat)
Fig.7 Collector-emitter saturation voltage
vs. collector current
Base-emitter saturation voltage vs.
collector current
1
2
10
5
20
100
50
200
1000
500
1
2
5
10
20
50
100
200
500
1000
EMITTER CURRENT : IE
(mA)
Ta=25°C
VCE
= −5V
Fig.8 Gain bandwidth product vs.
emitter current
COLLECTOR TO BASE VOLTAGE : VCB
(V)
−0.2
−0.1
−0.5
−10
−5
−2
−1
−50
−20
−100
1
20
10
5
2
50
200
100
500
1000
Ta=25°C
f=1MHz
IE=
0A
Fig.9 Collector output capacitance vs.
collector base voltage



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com